Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSU2R Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # LSU2R
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSU2R Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  LSU2R Datasheet HTML 1Page - Honeywell Solid State Electronics Center LSU2R Datasheet HTML 2Page - Honeywell Solid State Electronics Center LSU2R Datasheet HTML 3Page - Honeywell Solid State Electronics Center LSU2R Datasheet HTML 4Page - Honeywell Solid State Electronics Center LSU2R Datasheet HTML 5Page - Honeywell Solid State Electronics Center LSU2R Datasheet HTML 6Page - Honeywell Solid State Electronics Center LSU2R Datasheet HTML 7Page - Honeywell Solid State Electronics Center LSU2R Datasheet HTML 8Page - Honeywell Solid State Electronics Center LSU2R Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Datasheet
MICRO SWITCH Heavy-Duty Limit Switch
HDLS Series
DESCRIPTION
Honeywell’s MICRO SWITCH heavy-duty limit switches’
modular construction allows for a wide variety of actuator
styles, operating heads, and electrical circuitry options. The
plug-in versions greatly reduce downtime on production lines
with high actuation rates as replacement of the switch is
accomplished in seconds. The base receptacle contains all the
wiring and conduit connection while the switching component
with operating head easily assembles to the base and is
attached with two screws.
They are ideal for many applications with demanding indoor
and/or outdoor environments, where they may be subjected
to shock or vibration from equipment, temperature extremes,
dust, splashing water, coolant, and/or hose-directed water.
DIFFERENTIATION
• Sintered bronze bearing on 303 stainless steel operating
shaft for enhanced mechanical life (up to 50 million
actuation cycles) and operational reliability
• All-metal drive train for consistent operating characteristics,
even at high temperature. Lasts longer (without need for
frequent adjustment) than drive trains with plastic parts
• Exclusive teller tab ensures proper torque. When it cannot be
moved, the lever is tight enough to prevent slippage
VALUE TO CUSTOMERS
• NEMA 1, 3, 4, 4X, 6, 6P, 12, 13 and IP65/66/67
environmental sealing for demanding applications
• Industry-leading breadth-of-product offering: HDLS
standard, HDLS harsh-duty epoxy sealed, or the HDLS
stainless steel
• UL, CSA, CE, and CCC approvals for global use
• Configurable product platform for design versatility
• Large, existing installation base and channel allows for quick
delivery worldwide
FEATURES
• NEMA 1, 3, 4, 4X, 6, 6P, 12, 13 and IP65/66/67
environmental sealing
• NEMA/IP sealing features twin shaft seals for an extra
measure of protection
• Rugged, corrosion-resistant zinc head and body are
phosphate treated and epoxy coated
• Diaphragm seal between head and body provides an extra
measure of protection
• Multiple connectivity options for international applications
• Fluorosilicone seals available for low temperature
applications, and fluorocarbon seals available for chemically
harsh environments and higher temperature applications
• Secure head-to-body retention with the head in any one of
four positions 90° apart
• Self-lifting pressure plate terminals saves wiring time
• Wide variety of actuators, switch options, and head styles
• Rotary actuated heads are field adjustable for CW actuation,
CCW actuation, or both
• Silver or gold-plated contacts
• Plug-in and non plug-in bodies have identical operating
characteristics and are dimensionally interchangeable
POTENTIAL APPLICATIONS
• Machine tools
• Automotive machine tools
• Material handling
• Outdoor electromechanical structures
• Balers/compactors
• Conveyors
• Food and beverage
• Power plants
• Off-road equipment
• Agricultural equipment
• Valves
• Transportation hubs
PORTFOLIO
The heavy-duty HDLS Series limit switch is part of Honeywell’s
comprehensive and broad limit switch portfolio that includes
global, medium-duty, compact, hazardous area, and specialty
limit switches. To view the entire product portfolio, click here.
Sensing and Internet of Things
002345
Issue 10


Similar Part No. - LSU2R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
LSU260-EO SIEMENS-LSU260-EO Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
More results

Similar Description - LSU2R

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
Standard Heavy Duty Limit Switches
logo
Honeywell Solid State E...
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
914CE HONEYWELL-914CE Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
logo
Panasonic Semiconductor
QL PANASONIC-QL Datasheet
677Kb / 21P
QL (AZ4) Micro Limit Switch
2006
logo
Moujen Global Co., Ltd.
M4-4 MOUJEN-M4-4 Datasheet
3Mb / 12P
Compact Heavy Duty Limit Switch
MJ-7 MOUJEN-MJ-7 Datasheet
4Mb / 15P
Heavy Duty Limit Switch
MJ1-6 MOUJEN-MJ1-6 Datasheet
3Mb / 12P
Heavy Duty Limit Switch
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com