Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSU4L Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # LSU4L
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSU4L Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  LSU4L Datasheet HTML 1Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 2Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 3Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 4Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 5Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 6Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 7Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 8Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Sensing and Internet of Things
3
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Table 1. Specifications
Characteristic
Parameter
Product type
MICRO SWITCH heavy-duty limit switches
Certifications
UL, CE, CSA, CCC
Reference standards
UL508, CSA 22.2 #14, EN/IEC60947-5-1, GB 14048.5
Housing material
Electrostatic epoxy coated zinc
Housing type
HDLS Plug-in, HDLS Non-Plug-in
Acutators/heads
Side plunger - adjustable
Side plunger - pin
Side plunger maintained - pin
Side roller plunger
Side rotary
Side rotary maintained
Top plunger - adjustable
Top plunger - pin
Top roller plunger
Top rotary
Wobble - cable
Wobble - cat whisker
Wobble - coil spring
Wobble - plastic rod
Wobble - spring wire
Circuitry
1NC 1NO SPDT snap action, double break
2NC 2NO DPDT center neutral, snap action, double break
2NC 2NO DPDT snap action, double break
2NC 2NO DPDT sequential, snap action, double break
Termination types
0.5 in - 14NPT conduit
0.75 in - 14NPT conduit
12 ft cable, 6 ft cable
PG 13,5 conduit
20 mm conduit
4-pin micro-style connector
4-pin mini-style connector
5-pin mini-style connector
9-pin mini-style connector
Manifold mounting
Contact type
Snap action double break (form Za) same polarity each pole
Contact material
Silver alloy (standard), optional gold-plated (low energy applications)
Utilization category
AC-15, A600; DC-13, R300 (electrical ratings on page 5)
Rated operational voltage (Ue)
600 Vac, 250 Vdc
Rated operational current (Ie)
1.2 A, 0.1 A
Rated thermal current
10 A, 2.5 A
Rated insulation voltage
600 V
Rated impulse withstand volt-
age (Uimp)
2500 V
Short circuit protection device
(SCPD) type and rating
Class J fuse, rated 10 A, 600 V
Pollution degree
3
Sealing
IP65/66/67; NEMA 1, 3, 4, 4X, 6, 6P, 12, 13
Operating temperature1
-12°C to 121°C [10°F to 250°F]; optional: -40°C to 121°C [-40°F to 250 ’F]
Vibration
10 g conforming to IEC 60068-2-6
Shock (actuator not fitted)
50 g conforming to IEC 60068-2-27
UNSPSC code
302119
UNSPSC commodity
302119 Switches and controls and relays
1
Reference page 8 for additional temperature detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com