Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC6B Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # LSC6B
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSC6B Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  LSC6B Datasheet HTML 1Page - Honeywell Solid State Electronics Center LSC6B Datasheet HTML 2Page - Honeywell Solid State Electronics Center LSC6B Datasheet HTML 3Page - Honeywell Solid State Electronics Center LSC6B Datasheet HTML 4Page - Honeywell Solid State Electronics Center LSC6B Datasheet HTML 5Page - Honeywell Solid State Electronics Center LSC6B Datasheet HTML 6Page - Honeywell Solid State Electronics Center LSC6B Datasheet HTML 7Page - Honeywell Solid State Electronics Center LSC6B Datasheet HTML 8Page - Honeywell Solid State Electronics Center LSC6B Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Unique, all-metal drive
train for consistent operating
characteristics even at high
temperature; lasts longer
(without the need for
frequent adjustment) than
drive trains with plastic parts.
Boss-and-socket
head design for secure
head-to-body retention.
Tracking interchangeability
of actuator levers for single-
and double-pole switches,
plug-in and non-plug-in.
Exclusive teller tab ensures
proper torque. When it cannot
be moved, the lever is tight
enough to prevent
slippage.
Twin shaft seals for an
extra measure of
protection. Optional
fluorocarbon or
fluorosilicone seals.
Front mounting and interchangeability of single- and double-pole switches,
plug-in and non-plug-in with one another and with other switch brands.
Domestic and international
conduit threads.
Rugged, corrosion-
resistant zinc head and
body are phosphate
treated and epoxy
coated.
Diaphragm seal
for exta measure
of protection.
303 stainless steel operating shaft
on sintered bronze bearing for
enhanced mechanical life and operational reliability.
Self-lifting pressure
plate terminals save
wiring time.
Easily identified
grounding terminal
(inside) for compliance
with regulatory standards.
One piece flat gasket: seals better than gaskets that go around
curves and corners. Does not contact the terminals pins to reduce
possibility of fluid migration.
Each switch has four mounting holes; two “through” holes for front mount, and
two tapped holes in back for rear mount
Dual bearings deliver
enhanced mechanical life.
Superior design of plug-in
terminal between switch body
and receptacle maintains electrical
continuity in harsh conditions
of temperature extremes,
equipment vibration, and shock.
Field adjustable operating head
(CW and CCW, CW or CCW)
matches switch to the application.
Figure 1. MICRO SWITCH HDLS Series Features and Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com