Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7391EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADV7391EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7391EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADV7391EBZ Datasheet HTML 39Page - Analog Devices ADV7391EBZ Datasheet HTML 40Page - Analog Devices ADV7391EBZ Datasheet HTML 41Page - Analog Devices ADV7391EBZ Datasheet HTML 42Page - Analog Devices ADV7391EBZ Datasheet HTML 43Page - Analog Devices ADV7391EBZ Datasheet HTML 44Page - Analog Devices ADV7391EBZ Datasheet HTML 45Page - Analog Devices ADV7391EBZ Datasheet HTML 46Page - Analog Devices ADV7391EBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 43 of 96
ENHANCED DEFINITION/HIGH DEFINITION
Subaddress 0x01, Bits[6:4] = 001 or 010
ED or HD YCrCb data can be input in a 4:2:2 format over an
8-/10-bit DDR bus or a 16-bit SDR bus.
The clock signal must be provided on the CLKIN pin. If
required, external synchronization signals can be provided on
the HSYNC and VSYNC pins. Embedded EAV/SAV timing
codes are also supported.
16-Bit 4:2:2 YCrCb Mode (SDR)
In 16-bit 4:2:2 YCrCb input mode, the Y pixel data is input on
Pin P15 to Pin P8, with P8 being the LSB.
The CrCb pixel data is input on Pin P7 to Pin P0, with P0
being the LSB.
8-/10-Bit 4:2:2 YCrCb Mode (DDR)
In 8-/10-bit DDR 4:2:2 YCrCb input mode, the Y pixel data is
input on Pin P15 to Pin P8/P6 upon either the rising or falling
edge of CLKIN. P8/P6 is the LSB.
The CrCb pixel data is also input on Pin P15 to Pin P8/P6
upon the opposite edge of CLKIN. P8/P6 is the LSB.
10-bit mode is enabled using Subaddress 0x33, Bit 2. Whether
the Y data is clocked in upon the rising or falling edge of CLKIN
is determined by Subaddress 0x01, Bits[2:1] (see Figure 55 and
Figure 56).
3FF
00
00
X
Y
Y0
Y1
Cr0
CLKIN
NOTES
1. SUBADDRESS 0x01 [2:1] SHOULD BE SET TO 00 IN THIS CASE.
2. 10-BIT MODE IS ENABLED USING SUBADDRESS 0x33, BIT 2.
P[15:8]/
P]15:6]
Cb0
Figure 55. ED/HD-DDR Input Sequence (EAV/SAV)—Option A
3FF
00
00
XY
Cb0
Cr0
Y1
CLKIN
P[15:8]/
P[15:P6]
Y0
NOTES
1. SUBADDRESS 0x01 [2:1] SHOULD BE SET TO 11 IN THIS CASE.
2. 10-BIT MODE IS ENABLED USING SUBADDRESS 0x33, BIT 2.
Figure 56. ED/HD-DDR Input Sequence (EAV/SAV)—Option B
MPEG2
DECODER
CLKIN
P[7:0]
P[15:8]
INTERLACED TO
PROGRESSIVE
YCrCb
ADV7392/
ADV7393
VSYNC
HSYNC
8
CrCb
8
Y
2
Figure 57. ED/HD-SDR Example Application
MPEG2
DECODER
CLKIN
P[15:8]/P[15:6]
INTERLACED TO
PROGRESSIVE
YCrCb
ADV7392/
ADV7393
VSYNC
HSYNC
8/10
2
YCrCb
Figure 58. ED/HD-DDR Example Application
ENHANCED DEFINITION (AT 54 MHz)
Subaddress 0x01, Bits[6:4] = 111
ED YCrCb data can be input in an interleaved 4:2:2 format on
an 8-/10-bit bus at a rate of 54 MHz.
A 54 MHz clock signal must be provided on the CLKIN pin.
Embedded EAV/SAV timing codes are supported. External
synchronization signals are not supported in this mode.
The interleaved pixel data is input on Pin P15 to Pin P8/P6,
with P8/P6 being the LSB.
10-bit mode is enabled using Subaddress 0x33, Bit 2.
3FF
00
00
XY
Cb0
Y0
Y1
Cr0
CLKIN
P[15:8]/P[15:6]
NOTES
1. 10-BIT MODE IS ENABLED USING SUBADDRESS 0x33, BIT 2.
Figure 59. ED (At 54 MHz) Input Sequence (EAV/SAV)
MPEG2
DECODER
CLKIN
P[15:8]/P[15:6]
54MHz
ADV7392/
ADV7393
VSYNC,
HSYNC
YCrCb
8/10
YCrCb
2
INTERLACED TO
PROGRESSIVE
Figure 60. ED (At 54 MHz) Example Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com