Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7392EBZ Datasheet(PDF) 69 Page - Analog Devices

Part # ADV7392EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7392EBZ Datasheet(HTML) 69 Page - Analog Devices

Back Button ADV7392EBZ Datasheet HTML 65Page - Analog Devices ADV7392EBZ Datasheet HTML 66Page - Analog Devices ADV7392EBZ Datasheet HTML 67Page - Analog Devices ADV7392EBZ Datasheet HTML 68Page - Analog Devices ADV7392EBZ Datasheet HTML 69Page - Analog Devices ADV7392EBZ Datasheet HTML 70Page - Analog Devices ADV7392EBZ Datasheet HTML 71Page - Analog Devices ADV7392EBZ Datasheet HTML 72Page - Analog Devices ADV7392EBZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 69 of 96
APPENDIX 2–SD WIDE SCREEN SIGNALING
Subaddress 0x99, Subaddress 0x9A, Subaddress 0x9B
The ADV739x supports wide screen signaling (WSS)
conforming to the ETSI 300 294 standard. WSS data is
transmitted on Line 23. WSS data can only be transmitted when
the device is configured in PAL mode. The WSS data is 14 bits
long. The function of each of these bits is shown in Table 54.
The WSS data is preceded by a run-in sequence and a start code
(see Figure 100). The latter portion of Line 23 (after 42.5 μs
from the falling edge of HSYNC) is available for the insertion of
video. WSS data transmission on Line 23 can be enabled using
Subaddress 0x99, Bit 7. It is possible to blank the WSS portion
of Line 23 with Subaddress 0xA1, Bit 7.
Table 54. Function of WSS Bits
Bit Number
Bit Description
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Setting
1
0
0
0
4:3, full format, N/A
0
0
0
1
14:9, letterbox, center
0
0
1
0
14:9, letterbox, top
1
0
1
1
16:9, letterbox, center
0
1
0
0
16:9, letterbox, top
1
1
0
1
>16:9, letterbox, center
1
1
1
0
14:9, full format, center
Aspect Ratio, Format, Position
0
1
1
1
16:0, N/A, N/A
0
Camera mode
Mode
1
Film mode
0
Normal PAL
Color Encoding
1
Motion Adaptive ColorPlus
0
Not present
Helper Signals
1
Present
Reserved
0
0
No
Teletext Subtitles
1
Yes
0
0
No
0
1
Subtitles in active image area
1
0
Subtitles out of active image area
Open Subtitles
1
1
Reserved
0
No
Surround Sound
1
Yes
0
No copyright asserted or unknown
Copyright
1
Copyright asserted
0
Copying not restricted
Copy Protection
1
Copying restricted
ACTIVE
VIDEO
RUN-IN
SEQUENCE
START
CODE
500mV
11.0µs
38.4µs
42.5µs
W0
W1
W2
W3
W4
W5
W6
W7
W8
W9 W10 W11 W12 W13
Figure 100. WSS Waveform Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com