Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82541ER Datasheet(PDF) 21 Page - Intel Corporation

Part # GD82541ER
Description  82541ER Gigabit Ethernet Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541ER Datasheet(HTML) 21 Page - Intel Corporation

Back Button GD82541ER Datasheet HTML 17Page - Intel Corporation GD82541ER Datasheet HTML 18Page - Intel Corporation GD82541ER Datasheet HTML 19Page - Intel Corporation GD82541ER Datasheet HTML 20Page - Intel Corporation GD82541ER Datasheet HTML 21Page - Intel Corporation GD82541ER Datasheet HTML 22Page - Intel Corporation GD82541ER Datasheet HTML 23Page - Intel Corporation GD82541ER Datasheet HTML 24Page - Intel Corporation GD82541ER Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
82541ER Gigabit Ethernet Controller
Datasheet
15
4.0
Voltage, Temperature, and Timing Specifications
4.1
Absolute Maximum Ratings
4.2
Targeted Recommended Operating Conditions
4.2.1
General Operating Conditions
Table 1.
Absolute Maximum Ratingsa
a. Maximum ratings are referenced to ground (VSS). Permanent device damage is likely to occur if the ratings in this table are
exceeded. These values should not be used as the limits for normal device operations.
Symbol
Parameter
Min
Max
Unit
VDD (3.3)
DC supply voltage on 3.3 V pins
with respect to VSS
VSS - 0.5
4.6
V
VDD (1.8)
DC supply voltage on 1.8 V pins
with respect to VSS
VSS - 0.5
2.5 or
VDD (1.8) + 0.5b
b. The maximum value is the lesser value of 2.5V or VDD (2.5) + 0.5 V. This specification applies to biasing the device to a steady
state for an indefinite duration.
V
VDD (1.2)
DC supply voltage on 1.2V pins
with respect to VSS
VSS - 0.5
1.7 or
VDD (1.2) + 0.5c
c.
The maximum value is the lesser value of 1.7 V or VDD (2.5) + 0.5 V.
V
VDD
DC supply voltage
VSS - 0.5
4.6
V
VI / VO
LVTTL input voltage
VSS - 0.5
4.6d
d. The maximum value must also be less than VIO.
V
IO
Output current
40
mA
TSTG
Storage temperature range
-40
125
°C
ESD per MIL_STD-883 Test
Method 3015, Specification 2001V
Latchup Over/Undershoot: 150
mA, 125 C
VDD overstress:
VDD (3.3) * 7.2
V
Table 2.
Recommended Operating Conditions (Sheet 1 of 2)a
Symbol
Parameter
Min
Max
Unit
VDD (3.3)
DC supply voltage on 3.3 V pins
3.0
3.6
V
VDD (1.8)
DC supply voltage on 1.8 V pins
1.71b
1.89c
V
VDD (1.2)
DC supply voltage on 1.2 V pins
1.14d
1.26e
V
VIO
PCI bus reference voltage
3.0
5.25
V
tR / tF
Input rise/fall time (normal input)
0
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com