Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPXA4 Datasheet(PDF) 21 Page - Altera Corporation

Part # EPXA4
Description  Excalibur Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPXA4 Datasheet(HTML) 21 Page - Altera Corporation

Back Button EPXA4 Datasheet HTML 17Page - Altera Corporation EPXA4 Datasheet HTML 18Page - Altera Corporation EPXA4 Datasheet HTML 19Page - Altera Corporation EPXA4 Datasheet HTML 20Page - Altera Corporation EPXA4 Datasheet HTML 21Page - Altera Corporation EPXA4 Datasheet HTML 22Page - Altera Corporation EPXA4 Datasheet HTML 23Page - Altera Corporation EPXA4 Datasheet HTML 24Page - Altera Corporation EPXA4 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Altera Corporation
21
Errata Sheet - Appendix A
Conditions
This occurs when both of the following are true:
■ ViewData is enabled.
■ Either data value or data address tracing are enabled (bits 3:2 of
register 0x00, the control register).
Implications
Extra CPRT data is traced. Since the number of such transfers is relatively
small, the amount of extra data generated should not be significant.
As there is no requirement for the tools to correctly handle CPRT data
traced when the MonitorCPRT bit is not set, this may result in unexpected
behavior.
Workaround
If this erratum causes an error in the development tools, the user must
always enable coprocessor register transfer tracing.
The tools must be able to handle CPRT data traced even when no CPRT
data was expected.
If this the extra trace is deemed to be confusing to the user, the tools can
ignore CPRT data when CPRT data tracing has been disabled.
Implications of workaround
A small amount of bandwidth may be wasted.
A.2.6
Stall cycles reported on wrong instruction—Category 2
Description
The timestamps or cycle numbers, if captured, might not truly reflect the number
of cycles taken by each instruction. Stall cycles which cause an instruction to take
longer than the minimum time to execute might be reported on an earlier
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com