Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7746 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7746
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7746 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7746 Datasheet HTML 17Page - Analog Devices AD7746 Datasheet HTML 18Page - Analog Devices AD7746 Datasheet HTML 19Page - Analog Devices AD7746 Datasheet HTML 20Page - Analog Devices AD7746 Datasheet HTML 21Page - Analog Devices AD7746 Datasheet HTML 22Page - Analog Devices AD7746 Datasheet HTML 23Page - Analog Devices AD7746 Datasheet HTML 24Page - Analog Devices AD7746 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7745/AD7746
Rev. 0| Page 21 of 28
CAPDAC
The AD7745/AD7746 CDC full-scale input range is ±4.096 pF.
For simplicity of calculation, however, the following text and
diagrams use ±4 pF. The part can accept a higher capacitance
on the input and the common-mode or offset (not-changing
component) capacitance can be balanced by programmable
on-chip CAPDACs.
DATA
CDC
EXC
CIN(+)
CIN(–)
CX
CY
CAPDAC(+)
CAPDAC(–)
Figure 29. Using a CAPDAC
The CAPDAC can be understood as a negative capacitance
connected internally to the CIN pin. There are two independent
CAPDACs, one connected to the CIN(+) and the second
connected to the CIN(–). The relation between the capacitance
input and output data can be expressed as
(
) (
))
(
)
(
−
−
−
+
−
≈
CAPDAC
C
CAPDAC
C
DATA
Y
X
The CAPDACs have a 7-bit resolution, monotonic transfer
function, are well matched to each other, and have a defined
temperature coefficient. The CAPDAC full range (absolute
value) is not factory calibrated and can vary up to ±20% with
the manufacturing process. See the Specifications section and
typical performance characteristics in Figure 17.
The CAPDACs are shared by the two capacitive channels on the
AD7746. If the CAPDACs need to be set individually, the host
controller software should reload the CAPDAC values to the
AD7746 before executing conversion on a different channel.
SINGLE-ENDED CAPACITIVE INPUT
When configured for a single-ended mode (the CAPDIFF bit in
the Cap Setup register is set to 0), the AD7745/AD7746 CIN(–)
pin is disconnected internally. The CDC (without using the
CAPDACs) can measure only positive input capacitance in the
range of 0 pF to 4 pF (see Figure 30).
0x800000 ... 0xFFFFFF
DATA
CAPDIFF = 0
0 ... 4pF
CDC
EXC
CIN(+)
CIN(–)
CX
0 ... 4pF
CAPDAC(+)
OFF
CAPDAC(–)
OFF
Figure 30. CDC Single-Ended Input Mode
The CAPDAC can be used for programmable shifting the input
range. The example in Figure 31 shows how to use the full
±4 pF CDC span to measure capacitance between 0 pF to 8 pF.
0x000000 ... 0xFFFFFF
DATA
CAPDIFF = 0
± 4pF
CDC
EXC
CIN(+)
CIN(–)
CX
0 ... 8pF
CAPDAC(+)
4pF
CAPDAC(–)
0pF
Figure 31. Using CAPDAC in Single-Ended Mode
Figure 32 shows how to shift the input range further, up to
21 pF absolute value of capacitance connected to the CIN(+).
0x000000 ... 0xFFFFFF
DATA
CAPDIFF = 0
± 4pF
CDC
EXC
CIN(+)
CIN(–)
CX
13 ... 21pF
(17
± 4pF)
CAPDAC(+)
17pF
CAPDAC(–)
0pF
Figure 32. Using CAPDAC in Single-Ended Mode
DIFFERENTIAL CAPACITIVE INPUT
When configured for a differential mode (the CAPDIFF bit in
the Cap Setup register set to 1), the AD7745/AD7746 CDC
measures the difference between positive and negative
capacitance input.
Each of the two input capacitances CX and CY between the EXC
and CIN pins must be less than 4 pF (without using the
CAPDACs) or must be less than 21 pF and balanced by the
CAPDACs. Balancing by the CAPDACs means that both
CX–CAPDAC(+) and CY–CAPDAC(–) are less than 4 pF.
If the unbalanced capacitance between the EXC and CIN pins is
higher than 4 pF, the CDC introduces a gain error, an offset
error, and nonlinearity error.
See the examples shown in Figure 33, Figure 34, and Figure 35.
0x000000 ... 0xFFFFFF
DATA
CAPDIFF = 1
± 4pF
CDC
EXC
CIN(+)
CIN(–)
CX
0 ... 4pF
CY
0 ... 4pF
CAPDAC(+)
OFF
CAPDAC(–)
OFF
Figure 33. CDC Differential Input Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com