Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL322CT90 Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM29DL322CT90
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL322CT90 Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM29DL322CT90 Datasheet HTML 44Page - Advanced Micro Devices AM29DL322CT90 Datasheet HTML 45Page - Advanced Micro Devices AM29DL322CT90 Datasheet HTML 46Page - Advanced Micro Devices AM29DL322CT90 Datasheet HTML 47Page - Advanced Micro Devices AM29DL322CT90 Datasheet HTML 48Page - Advanced Micro Devices AM29DL322CT90 Datasheet HTML 49Page - Advanced Micro Devices AM29DL322CT90 Datasheet HTML 50Page - Advanced Micro Devices AM29DL322CT90 Datasheet HTML 51Page - Advanced Micro Devices AM29DL322CT90 Datasheet HTML 52Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49
Am29DL322C/Am29DL323C
ADV ANCE
I N FO RMAT I O N
PHYSICAL DIMENSIONS
SSO056—56-Pin Shrink Small Outline Package (SSOP) (measured in millimeters)
SEE DETAIL "G"
SEE DETAIL "B"
0.20 M C
C
A
SS
B
0.20 M C A
SS
B
0.10
56
29
128
Index Area
13.10
13.50
15.70
16.30
16-038-SSO56-2_AB
ES107
9.15.98 lv
23.40
24.00
SEATING PLANE
0.80 BSC
0.25
0.45
0.45
0.65
1.15
1.35
2.00
MAX
GAUGE PLANE
SEATING PLANE
DETAIL "G"
0.60
1.00
0.09 Min
0
°
8
°
A
A
0.25
0.40 BSC
Even Lead Sides
X = D or F
DETAIL "B"
With Lead Finish
0.10
0.21
0.10
0.18
0.30
0.40
0.25
0.45
Base Metal
SECTION A-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com