Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFL27005SWCH Datasheet(PDF) 7 Page - International Rectifier

Part # AFL27005SWCH
Description  270V Input, Single Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27005SWCH Datasheet(HTML) 7 Page - International Rectifier

Back Button AFL27005SWCH Datasheet HTML 3Page - International Rectifier AFL27005SWCH Datasheet HTML 4Page - International Rectifier AFL27005SWCH Datasheet HTML 5Page - International Rectifier AFL27005SWCH Datasheet HTML 6Page - International Rectifier AFL27005SWCH Datasheet HTML 7Page - International Rectifier AFL27005SWCH Datasheet HTML 8Page - International Rectifier AFL27005SWCH Datasheet HTML 9Page - International Rectifier AFL27005SWCH Datasheet HTML 10Page - International Rectifier AFL27005SWCH Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.irf.com
7
AFL270XXS Series
for minor variations of either surface. While other available
types of heat conductive materials and compounds may
provide similar performance, these alternatives are often
less convinient and are frequently messy to use.
A conservative aid to estimating the total heat sink surface
area (AHEAT SINK) required to set the maximum case temp-
erature rise (
∆T) above ambient temperature is given by
the following expression:
A HEAT SINK
≈
−
−
∆T
P
80
30
085
143
.
.
.
where
∆T
PP
Eff
OUT
=
==
−
Case temperature rise above ambient
Device dissipation in Watts
1
1
∆T = 85 - 25 = 60°C
()
P
=•
−
=•
=
120
1
83
1
120
0 205
24 6
.
.. W
and the required heat sink area is
A
=
60
80 24.6
in
HEAT SINK
0.85
•
−=
−143
2
30
71
.
.
From the Specification Table, the worst case full load effi-
ciency for this device is 83%; therefore the power dissipa-
tion at full load is given by
Because of the incorporation of many innovative techno-
logical concepts, the AFL series of converters is capable of
providing very high output power from a package of very
small volume. These magnitudes of power density can only
be obtained by combining high circuit efficiency with effec-
tive methods of heat removal from the die junctions. This
requirement has been effectively addressed inside the de-
vice; but when operating at maximum loads, a significant
amount of heat will be generated and this heat must be
conducted away from the case. To maintain the case tem-
perature at or below the specified maximum of 125°C, this
heat must be transferred by conduction to an appropriate
heat dissipater held in intimate contact with the converter
base-plate.
Because effectiveness of this heat transfer is dependent
on the intimacy of the baseplate/heatsink interface, it is st-
rongly recommended that a high thermal conductivity heat
transferance medium is inserted between the baseplate a-
nd heatsink. The material most frequently utilized at the fa-
ctory during all testing and burn-in processes is sold under
the trade name of Sil-Pad
 4001 . This particular pro duct
is an insulator but electrically conductive versions are also
available. Use of these materials assures maximum surfa-
ce contact with the heat dissipator thereby compensating
When operating in the shared mode, it is important that
symmetry of connection be maintained as an assurance of
optimum load sharing performance. Thus, converter out-
puts should be connected to the load with equal lengths of
wire of the same gauge and sense leads from each con-
verter should be connected to a common physical point,
preferably at the load along with the converter output and
return leads. All converters in a paralleled set must have
their share pins connected together. This arrangement is
diagrammatically illustrated in Figure III. showing the out-
puts and sense pins connected at a star point which is
located close as possible to the load.
As a consequence of the topology utilized in the current
sharing circuit, the share pin may be used for other func-
tions. In applications requiring a single converter, the volt-
age appearing on the share pin may be used as a “current
monitor”. The share pin open circuit voltage is nominally
+1.00v at no load and increases linearly with increasing
output current to +2.20v at full load. The share pin voltage is
referenced to the output return pin.
Thus, a total heat sink surface area (including fins, if any) of
71 in2 in this example, would limit case rise to 60°C above
ambient. A flat aluminum plate, 0.25" thick and of approxi-
mate dimension 4" by 9" (36 in2 per side) would suffice for
this application in a still air environment. Note that to meet
the criteria in this example, both sides of the plate require
unrestricted exposure to the ambient air.
1Sil-Pad is a registered Trade Mark of Bergquist, Minneapolis, MN
As an example, it is desired to maintain the case tempera-
ture of an AFL27015S at
≤ +85°C in an area where the
ambient temperature is held at a constant +25°C; then
Thermal Considerations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com