Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND04GW3B2B Datasheet(PDF) 21 Page - STMicroelectronics

Part # NAND04GW3B2B
Description  4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GW3B2B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button NAND04GW3B2B Datasheet HTML 17Page - STMicroelectronics NAND04GW3B2B Datasheet HTML 18Page - STMicroelectronics NAND04GW3B2B Datasheet HTML 19Page - STMicroelectronics NAND04GW3B2B Datasheet HTML 20Page - STMicroelectronics NAND04GW3B2B Datasheet HTML 21Page - STMicroelectronics NAND04GW3B2B Datasheet HTML 22Page - STMicroelectronics NAND04GW3B2B Datasheet HTML 23Page - STMicroelectronics NAND04GW3B2B Datasheet HTML 24Page - STMicroelectronics NAND04GW3B2B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
NAND04GW3B2B, NAND08GW3B2A
Device operations
21/58
6.2
Cache Read
The Cache Read operation is used to improve the read throughput by reading data using
the Cache Register. As soon as the user starts to read one page, the device automatically
loads the next page into the Cache Register.
An Cache Read operation consists of three steps (see Table 7: Commands):
1.
One bus cycle is required to setup the Cache Read command (the same as the
standard Read command).
2.
Five (refer to Table 5: Address Insertion) bus cycles are then required to input the Start
Address.
3.
One bus cycle is required to issue the Cache Read confirm command to start the P/E/R
Controller.
The Start Address must be at the beginning of a page (Column Address = 00h, see Table 6:
Address Definition). This allows the data to be output uninterrupted after the latency time
(tBLBH1), see Figure 7: Cache Read Operation.
The Ready/Busy signal can be used to monitor the start of the operation. During the latency
period the Ready/Busy signal goes Low, after this the Ready/Busy signal goes High, even if
the device is internally downloading page n+1.
Once the Cache Read operation has started, the Status Register can be read using the
Read Status Register command.
During the operation, SR5 can be read, to find out whether the internal reading is ongoing
(SR5 = ‘0’), or has completed (SR5 = ‘1’), while SR6 indicates whether the Cache Register
is ready to download new data.
To exit the Cache Read operation an Exit Cache Read command must be issued (see
Table 7: Commands).
If the Exit Cache Read command is issued while the device is internally reading page n+1,
page n will still be output, but not page n+1.
Figure 7.
Cache Read Operation
I/O
RB
Address
Inputs
ai8661c
00h
Read
Setup
Code
31h
Cache
Read
Confirm
Code
Busy
tBLBH1
(Read Busy time)
1st page
Data Output
2nd page
3rd page
last page
34h
Exit
Cache
Read
Code
Block N
tBLBH4
R
tRHRL2
tRHRL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com