Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8853-28PI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FS8853-28PI
Description  300mA LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS8853-28PI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FS8853-28PI Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8853-28PI Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8853-28PI Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8853-28PI Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8853-28PI Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8853-28PI Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8853-28PI Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8853-28PI Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8853-28PI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FS8853
300mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
6/13
TD-0405006
Rev. 1.5
http://www.fsc.com.tw
FAX: +886-2-2809-4874
T
Tyyp
piiccaall O
Op
peerraattiin
ngg C
Ch
haarraacctteerriissttiiccss
(CIN=1µF , COUT=3.3µF, TA=+25℃, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
0
0.5
1
1.5
2
2.5
3
3.5
012
34
56
789
INPUT VOLTAGE (V)
DROPOUT VOLTAGE vs. LOAD CURRENT
0
100
200
300
400
500
600
50
100
150
200
250
300
350
400
LOAD CURRENT (mA)
POWER SUPPLY REJECTION RATIO v.s
FREQUENCY
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
FREQUENCY (KHz)
GROUND PIN CURRENT vs. AMBIENT
TEMPERATURE
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
1020
30
4050
607080
AMBIENT TEMPERATURE (℃)
Ron vs. LOAD CURRENT
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
50
100
150
200
250
300
350
400
LOAD CURRENT (mA)
GND PIN CURRENT vs. LOAD CURRENT
0
10
20
30
40
50
60
70
0
1
50
100
150
200
250
300
350
400
LOAD CURRENT (mA)
200mA
100mA
1mA
300mA
*EX:Model FS8853-33Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com