Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCMA2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RCMA2
Description  Molded Metal Film Very High Stability and Precision Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMA2 Datasheet(HTML) 3 Page - Vishay Siliconix

  RCMA2 Datasheet HTML 1Page - Vishay Siliconix RCMA2 Datasheet HTML 2Page - Vishay Siliconix RCMA2 Datasheet HTML 3Page - Vishay Siliconix RCMA2 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.vishay.com
33
RCMA
Vishay Sfernice
Document Number: 52009
Revision 25-Jul-02
For technical questions, contact sfer@vishay.com
Molded Metal Film Very High Stability and
Precision Resistors
02
SPECIAL
DESIGN
STYLE
SERIES
RCMA
TOLERANCE
± 0.1%
OHMIC VALUE
100k
Ω
ORDERING INFORMATION
Method N°
Optional
PACKAGING
Ammo-pack:
Tape in a box or
tape and reel
TEMPERATURE
COEFFICIENT
K5
MARKING
Printed: SFERNICE trademark, series, style (due to lack of space RCMA 02 is printed MA 02), ohmic value (in
Ω), tolerance
(in %), temperature coefficient, manufacturing date.
AMMO-PACK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com