Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1855L-A-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UP1855L-A-AA3-R
Description  HIGH CURRENT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1855L-A-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UP1855L-A-AA3-R Datasheet HTML 1Page - Unisonic Technologies UP1855L-A-AA3-R Datasheet HTML 2Page - Unisonic Technologies UP1855L-A-AA3-R Datasheet HTML 3Page - Unisonic Technologies UP1855L-A-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UP1855
PNP SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3 of 4
www.unisonic.com.tw
QW-R220-015.D
TYPICAL CHARACTERISTICS
Collector-Emitter Saturation Voltage vs.
Collector Current
0
0.8
1.0
Collector Current, Ic (A)
10
0.2
1.2
0.001
0.01
1
1.6
0.4
Ta = 25℃
IC / IB = 50
0.1
1.4
0.6
Collector-Emitter Saturation Voltage vs.
Collector Current
0
0.8
1.0
Collector Current, Ic (A)
10
0.2
1.2
0.001
0.01
1
1.6
0.4
hFE=10
0.1
1.4
0.6
+25℃
-40℃
+150℃
IC / IB =10
Base-Emitter Turn-on Voltage vs.
Collector Current
0
0.8
1.0
Collector Current,Ic (A)
10
0.2
1.2
0. 001
0.01
1
1.6
0.4
0.1
1.4
0.6
+
25℃
-
40℃
+150℃
VCE = 5V
+
100 ℃
Safe Operating Area
0. 01
1
Collector Voltage , VCE (V)
1100
10
0. 1
10
D.C.
1s
100
10ms 1.0ms 0.1ms
ms
500
DC Current Gain vs. Collector Current
0
Collector Current, Ic (A)
10
0.001
0.01
1
0.1
Base-Emitter Saturation Voltage vs.
Collector Current
0
0.8
1.0
Collector Current, Ic (A)
10
0.2
1.2
0.001
0.01
1
1.6
0.4
hFE=10
0.1
1.4
0.6
+25℃
-40℃
+150℃
100
200
300
VCE = 5V
-40℃
+25℃
+100℃
+100 ℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com