Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY887BO/FC1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGY887BO/FC1
Description  Optical receiver module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY887BO/FC1 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGY887BO/FC1 Datasheet HTML 1Page - NXP Semiconductors BGY887BO/FC1 Datasheet HTML 2Page - NXP Semiconductors BGY887BO/FC1 Datasheet HTML 3Page - NXP Semiconductors BGY887BO/FC1 Datasheet HTML 4Page - NXP Semiconductors BGY887BO/FC1 Datasheet HTML 5Page - NXP Semiconductors BGY887BO/FC1 Datasheet HTML 6Page - NXP Semiconductors BGY887BO/FC1 Datasheet HTML 7Page - NXP Semiconductors BGY887BO/FC1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1998 Mar 13
4
Philips Semiconductors
Product specification
Optical receiver module
BGY887BO/FC1
PACKAGE OUTLINE
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U1
max.
U2
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
98-03-06
IEC
JEDEC
EIAJ
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7
8.8
917
817
4.15
3.85
2.4
38.1 25.4
10.2
4.2
44.75
8
0.25
0.1
connector
12
bF
2.5
M
1.6
M1
0.9
M2
3
M3
N
15.3
8.7
N1
10.7
8.7
N2
5
1
N3
16.7
16.1
S1
4.95
4.55
S2
∅ P
6-32
UNC
y
0.2
y1
w
S
DIMENSIONS (mm are the original dimensions)
SOT115R
0
5
10 mm
scale
A
max.
D
max.
d
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange;
2 vertical mounting holes; 2 x 6-32 UNC and 2 extra horizontal mounting holes;
optical input with connector; 7 gold-plated in-line leads
SOT115R
D
U1
q
q2
q1
b
F
S
S1
S2
A
Z
P
N
N1
N2
N3
M
M1 M2
M3
E
A2
L
c
d
Q
U2
M
w
78
9
23
W
e
e1
5
P
1
y M B
y M B
y M B
y1 M B
B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com