Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXH005A0X Datasheet(PDF) 2 Page - Tyco Electronics

Part # AXH005A0X
Description  Austin MicroLynx Non-Isolated SIP series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AXH005A0X Datasheet(HTML) 2 Page - Tyco Electronics

  AXH005A0X Datasheet HTML 1Page - Tyco Electronics AXH005A0X Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Austin MicroLynx Non-Isolated SIP series
Non Isolated DC/DC Converters
Outline Drawing and Pin-out
Physical Dimensions and design
SIP package with external dimensions of 22.9 mm x 10.2 mm x 5.41 mm (0.90“ x 0.40” x 0.213”)
Jun
e01
Weight: TBD
The Austin MicroLynx SIP series has a robust open-frame construction able to withstand industry standard through-hole
handling, soldering and cleaning processes.
Ordering Information
Please contact your Tyco Electronics sales representative for pricing, availability and optional features.
Product codes
Input Voltage
Output Voltage
Output
Current
Efficiency
3.3V @ 5A
Connector Type
Packaging
Comcodes
AXH005A0X
3.0V – 5.5Vdc
0.75V – 3.63Vdc
5A
94.0 %
Through Hole SIP
Box / Tray
108979675
Asia-Pacific Headquarters
Tyco Electronics Singapore Pte Ltd
Tel: +65 6416 4283, Fax: +65 6416 4299
Central America-Latin America Headquarters
Tyco Electronics Power Systems
Tel: +56 2 209-8211, Fax: +56 2 223-1477
w w w . po w e r.t y c o el ec tr o n ic s.c o m
Europe, Middle-East and Africa Headquarters
Tyco Electronics (UK) Ltd
Tel: +44 (0) 1344 469 300, Fax: +44 (0) 1344 469 301
World Wide Headquarters
Tyco Electronics Power Systems, Inc.
3000 Skyline Drive, Mesquite, TX 75149, USA
Tel: +1-800-526-7819, Fax: +1-888-315-5182
(Outside U.S.A.: +1-972-284-2626, Fax: +1-972-284-2900)
e-mail: te chs u p port1 @t yc oelect ron i cs .com
* This preliminary product brief is only for discussion with customers to determine customer interest and requirements. Tyco Electronics makes no commitment to sample or
manufacture for sale this product. Tyco Electronics reserves the right to make changes to the product(s) or information contained herein without notice and makes no
representation with respect to the accuracy of the information herein. No liability is assumed as a result of their use or application. No rights under any patent accompany the
sale of any such product(s) or information.
© 2002 Tyco Electronics Power Systems, Inc., (Mesquite, Texas) All International Rights Reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com