Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLCC2003MB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SLCC2003MB
Description  Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SLCC2003MB Datasheet(HTML) 1 Page - Vishay Siliconix

  SLCC2003MB Datasheet HTML 1Page - Vishay Siliconix SLCC2003MB Datasheet HTML 2Page - Vishay Siliconix SLCC2003MB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
SLCC
Vishay Sfernice
www.vishay.com
For technical questions contact sfer@vishay.com
Document Number: 60014
34
Revision: 06-Jul-06
Capable of meeting the characteristics of MIL-PRF-83401
these networks are available in a wide range of resistance
values: several standard configurations are presented with
the SLCC series.
FEATURES
• High stability Ultrafilm (0.05 % at 1000 h at 70 °C
under Pn)
• Low noise < 35 dB
• Hermetic package
TYPICAL PERFORMANCE
Resistance Range: Noted on schematics
SCHEMATIC
Actual Size
ABS
TRACKING
TCR
25 ppm/°C
2 ppm/°C
ABS
RATIO
TOL
0.1 %
0.1 %
SLCC 20A
(10 Isolated Resistors)
10 — 100 K ohms
SLCC 20B
(19 Resistors + 1 Common Point)
10 — 100 K ohms
SLCC 16 A01
SLCC 16 A03
SLCC 16 A06
1 K — 100 K ohms
1 K — 100 K ohms
1 K — 100 K ohms
SLCC 20 A01
SLCC 20 A03
SLCC 20 A06
1 K — 100 K ohms
1 K — 100 K ohms
1 K — 100 K ohms
SLCC 24 A01
SLCC 24 A03
SLCC 24 A06
1 K — 100 K ohms
1 K — 100 K ohms
1 K — 100 K ohms
10 9 8 7
15 16 1 2
14
11
12
13
3
6
5
4
10
9
8
7
15
1
2
11
12
13
14
6
3
5
4
16
10 9
8
7
15
1
2
16
11
12
13
14
3
6
5
4
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
13 12 11 10 9
19 20 1
2 3
14
15
16
17
18
8
7
6
5
4
21
1312 1110
9
22 23
1 2 3
14
15
16
17
18
8
7
6
5
4
24
19
20
13 12 11 10
9
22
24 1 2 3
19
20
16
17
18
8
7
6
5
4
23
14
15
21
13 12 11 10
9
22
24 1 2 3
19
20
17
18
8
7
6
5
4
23
14
15
21
16
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
13 12 11 10 9
19 20 1 2 3
14
15
16
17
18
8
7
6
5
4
RoHS
COMPLIANT


Similar Part No. - SLCC2003MB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SLCC20A-10KBT0005 VISHAY-SLCC20A-10KBT0005 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
SLCC20A-10KDT0005 VISHAY-SLCC20A-10KDT0005 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
SLCC20A-10KFT0005 VISHAY-SLCC20A-10KFT0005 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
SLCC20A-10KGT0005 VISHAY-SLCC20A-10KGT0005 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
SLCC20A-10KJT0005 VISHAY-SLCC20A-10KJT0005 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
More results

Similar Description - SLCC2003MB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
21-Aug-06
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
Molded, 50 Mil Pitch Resistor Networks
10-May-06
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
Molded, 50 Mil Pitch Resistor Networks
05-Mar-08
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
16-Jun-08
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
15-May-07
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
01-Jul-08
LCC VISHAY-LCC Datasheet
153Kb / 4P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
31-Jul-08
MPH VISHAY-MPH Datasheet
106Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
05-May-08
LCC VISHAY-LCC_17 Datasheet
122Kb / 4P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
14-Jul-16
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
20-Oct-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com