Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

446 Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # 446
Description  High Performance Thermal-Magnetic Circuit Breakers 446/447/449
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

446 Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  446 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED 446 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-t-a.de
High Performance Thermal-Magnetic Circuit Breakers 446/447/449
2013/14
5
5 - 28
12
4 6 8 10
20
40
… times rated current
10000
1000
100
10
1
0.1
0.01
0.001
60 80100
Dimensions
Typical time/current characteristics at +23 °C/+73.4 °F
Internal connection diagrams
12
43.5
100
N/O 6/7
ø20
hex nut M8 or 5/16"-18-NC
14 mm/.551 in. usable thread length
tightening torque max. 3.5 Nm
60
hex screw
ISO 4017-M12x30-Cu2-E1P
ø26
35
106
hex nut
ISO 4032-M12-Cu2-E1P
tightening torque
max. 10 Nm
lock washer
DIN 137-B12-
X12CrNi 177
N/C 4/5
FA-terminal (8)
170
140
current rating in A
11
AUS OFF
AUS OFF
EIN ON
flat head screw ISO 1580-M3.5x5
tightening torque max. 0.55 Nm
blade terminal DIN 46244-C-MS-S
2.36
1.02
.787
1.38
3.94
6.69
5.51
.433
.472
1.71
4.17
line 1
5
4
7
6
I >
2
line 1
I >
2
Si
FA
8
recommended
link for FA coil
protection
… times rated current
-55 °C
-67 °F
+23 °C
+73.4 °F
+75 °C
+167 °F
… times rated current
… times rated current
12
4 6 8 10
20
40
10000
1000
100
10
1
0.1
0.01
0.001
60 80100
12
4 6 8 10
20
40
10000
1000
100
10
1
0.1
0.01
0.001
60 80100
12
4 6 8 10
20
40
10000
1000
100
10
1
0.1
0.01
0.001
60 80100
447-…
DC
449-… 125…400 A
DC
449-… 500 A (50% ON duty/60 min) DC
Circuit breakers with remote disconnection facility will trip 10% faster
.
Typical time/current characteristics
446-...
DC
This is a metric design and millimeter dimensions take precedence ( mm )
inch



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com