Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155 Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP2155
Description  ItDA Standard Protocol Stack Controller Supporting DCE Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155 Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP2155 Datasheet HTML 27Page - Microchip Technology MCP2155 Datasheet HTML 28Page - Microchip Technology MCP2155 Datasheet HTML 29Page - Microchip Technology MCP2155 Datasheet HTML 30Page - Microchip Technology MCP2155 Datasheet HTML 31Page - Microchip Technology MCP2155 Datasheet HTML 32Page - Microchip Technology MCP2155 Datasheet HTML 33Page - Microchip Technology MCP2155 Datasheet HTML 34Page - Microchip Technology MCP2155 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
  0LFURFKLS 7HFKQRORJ\ ,QF
3UHOLPLQDU\
'6$SDJH 
!

7LPLQJ 'LDJUDPV DQG 6SHFLILFDWLRQV
),*85( 
(;7(51$/ &/2&. 7,0,1*
7$%/( 
(;7(51$/ &/2&. 7,0,1* 5(48,5(0(176
$& &KDUDFWHULVWLFV
6WDQGDUG 2SHUDWLQJ &RQGLWLRQV XQOHVV RWKHUZLVH VSHFLILHG
2SHUDWLQJ7HPSHUDWXUH
±°& ≤ 7$ ≤ °& LQGXVWULDO
2SHUDWLQJ9ROWDJH 9'' UDQJH LV GHVFULEHG LQ 6HFWLRQ 
3DUDP
1R
6\P
&KDUDFWHULVWLF
0LQ
7\S 
0D[
8QLWV
&RQGLWLRQV
726& ([WHUQDO &/.,1 3HULRG  


²
²

²
QV
QV
'HYLFH 2SHUDWLRQ
'LVDEOH &ORFN IRU ORZ SRZHU
2VFLOODWRU 3HULRG 

²

QV
$
)26& ([WHUQDO &/.,1
)UHTXHQF\  

²

0+]
2VFLOODWRU )UHTXHQF\ 

²

0+]
%
)(55 (UURU LQ )UHTXHQF\
²
²
“ 
&
(&/. ([WHUQDO &ORFN (UURU
²
²
“ 
7RV5
7RV)
&ORFN LQ 26&
5LVH RU )DOO 7LPH
²
²

QV
1RWH  'DWD LQ WKH 7\SLFDO ³7\S´ FROXPQ LV DW 9 °& XQOHVV RWKHUZLVH VWDWHG 7KHVH SDUDPHWHUV DUH IRU GHVLJQ
JXLGDQFH RQO\ DQG DUHQRW WHVWHG
 $OO VSHFLILHG YDOXHV DUH EDVHG RQRVFLOODWRU FKDUDFWHUL]DWLRQ GDWD XQGHU VWDQGDUG RSHUDWLQJFRQGLWLRQV
([FHHGLQJ WKHVH VSHFLILHG OLPLWV PD\ UHVXOW LQ XQVWDEOH RVFLOODWRU RSHUDWLRQ DQGRU KLJKHU WKDQ H[SHFWHG FXU
UHQW FRQVXPSWLRQ
:KHQ DQ H[WHUQDO FORFN LQSXW LV XVHG WKH ³PD[´ F\FOHWLPH OLPLW LV ³'&´ QR FORFN IRU DOO GHYLFHV
 $ GXW\ F\FOH RI QR PRUH WKDQ 
+LJK WLPH/RZ WLPH RU /RZ WLPH+LJK WLPH LV UHFRPPHQGHG IRU H[WHUQDO
FORFN LQSXWV
26&
4
4
4
4
4
4







Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com