Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2155-I/P Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP2155-I/P
Description  ItDA Standard Protocol Stack Controller Supporting DCE Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2155-I/P Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP2155-I/P Datasheet HTML 29Page - Microchip Technology MCP2155-I/P Datasheet HTML 30Page - Microchip Technology MCP2155-I/P Datasheet HTML 31Page - Microchip Technology MCP2155-I/P Datasheet HTML 32Page - Microchip Technology MCP2155-I/P Datasheet HTML 33Page - Microchip Technology MCP2155-I/P Datasheet HTML 34Page - Microchip Technology MCP2155-I/P Datasheet HTML 35Page - Microchip Technology MCP2155-I/P Datasheet HTML 36Page - Microchip Technology MCP2155-I/P Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
  0LFURFKLS 7HFKQRORJ\ ,QF
3UHOLPLQDU\
'6$SDJH 
!
),*85( 
5(6(7 $1' '(9,&( 5(6(7 7,0,1*
7$%/( 
5(6(7 $1' '(9,&( 5(6(7 5(48,5(0(176
$& &KDUDFWHULVWLFV
6WDQGDUG 2SHUDWLQJ &RQGLWLRQV XQOHVV RWKHUZLVH VSHFL
ILHG
2SHUDWLQJ 7HPSHUDWXUH
±°& ≤ 7$ ≤ °& LQGXVWULDO
2SHUDWLQJ 9ROWDJH 9'' UDQJH LV GHVFULEHG LQ 6HFWLRQ 
3DUDP
1R
6\P
&KDUDFWHULVWLF
0LQ
7\S 
0D[
8QLWV
&RQGLWLRQV

7567/
5(6(7 3XOVH :LGWK ORZ

²
²
QV
9''  9

7267
2VFLOODWRU 6WDUWXS 7LPHU 3HULRG

²

726&

73:57 3RZHU XS 7LPHU 3HULRG



PV
9''  9

7,2=
2XWSXW +LLPSHGDQFH IURP
5(6(7 /RZ RU GHYLFH 5HVHW
²²

—V
1RWH  'DWD LQ WKH 7\SLFDO ³7\S´ FROXPQ LV DW 9 °& XQOHVV RWKHUZLVH VWDWHG
9''
5(6(7
5HVHW
'HWHFWHG
3:57
7LPHRXW
26&
7LPHRXW
,QWHUQDO
5(6(7




2XWSXW 3LQ




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com