Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ7002KDM Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # NJ7002KDM
Description  SOT-23 -6L Plastic-Encap sulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ7002KDM Datasheet(HTML) 3 Page - Nanjing International Group Co

  NJ7002KDM Datasheet HTML 1Page - Nanjing International Group Co NJ7002KDM Datasheet HTML 2Page - Nanjing International Group Co NJ7002KDM Datasheet HTML 3Page - Nanjing International Group Co NJ7002KDM Datasheet HTML 4Page - Nanjing International Group Co NJ7002KDM Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1E-3
0.01
0.1
1
2
012
345
0.0
0.4
0.8
1.2
0
300
600
900
1200
1500
0
1
2
3
4
5
024
68
10
0
2
4
6
8
10
02
46
8
0.0
0.4
0.8
1.2
25
50
75
100
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
T
a
=25℃
Pulsed
Pulsed
T
a
=100℃
V
SD
I
S
——
T
a
=25℃
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
GS
=5V,6V,7V,10V
V
GS
=4V
V
GS
=3V
Output Characteristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
T
a
=25℃
Pulsed
V
GS
=10V
V
GS
=4.5V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(mA)
I
D
——
R
DS(ON)
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
GS
——
R
DS(ON)
I
D
=500mA
V
DS
=3V
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
a
=100℃
T
a
=25℃
I
D
=250uA
Threshold Voltage
JUNCTION TEMPERATURE
T
j
(
)
℃
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com