Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91720 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS91720
Description  Low EMI, Spread Modulating, Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91720 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS91720 Datasheet HTML 1Page - Renesas Technology Corp ICS91720 Datasheet HTML 2Page - Renesas Technology Corp ICS91720 Datasheet HTML 3Page - Renesas Technology Corp ICS91720 Datasheet HTML 4Page - Renesas Technology Corp ICS91720 Datasheet HTML 5Page - Renesas Technology Corp ICS91720 Datasheet HTML 6Page - Renesas Technology Corp ICS91720 Datasheet HTML 7Page - Renesas Technology Corp ICS91720 Datasheet HTML 8Page - Renesas Technology Corp ICS91720 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ICS91720
0698D—10/05/04
Table 1: Frequency Configuration Table
(See I2C Byte 0)
Above is the hard coded 5 bit (32 entry) ROM table.
FS2:0 are ONLY accessible through I2C software programming bits (byte0 bits5:7). FS3 and FS4 can also be
decoded from FS_IN0:1 latched input hardware pins.
FS_IN0
→ FS3 and FS_IN1 → FS4. Upon power-up the default is to use hardware selections of FS_IN0:1 latched
values.
FS2
= 0, FS1 = 0, FS0 = 1 upon power-up (refer to the functionality table on page 1).
To access non-default spread entries in the ROM, byte0 programming should be used. In order to change the power
up default of FS_IN1:0 = 10 (-1.25% down spread) to any other spread % entry, first change byte0bit 0 to software
selection by switching this bit to a ‘1’ and then program the desired percentage by changing byte0 bits 7:3.
FS4
FS3
FS2
FS1
FS0
Sprd Type Sprd %
00
0
0
0
0.60
00
0
0
1
0.80
00
0
1
0
1.00
00
0
1
1
1.25
00
1
0
0
1.50
00
1
0
1
2.00
00
1
1
0
0.50
00
1
1
1
1.00
01
0
0
0
0.60
01
0
0
1
1.00
0
1
0
1
0
-0.80
0
1
0
1
1 CNTR SPD
+/-0.3
01
1
0
0
1.50
01
1
0
1
1.75
01
1
1
0
2.00
01
1
1
1
2.50
10
0
0
0
3.00
10
0
0
1
-1.25
10
0
1
0
0.40
10
0
1
1
0.50
10
1
0
0
0.70
10
1
0
1
1.00
10
1
1
0
1.20
10
1
1
1
1.50
11
0
0
0
0.60
11
0
0
1
0.80
11
0
1
0
1.00
11
0
1
1
1.25
11
1
0
0
1.50
11
1
0
1
2.00
11
1
1
0
0.50
11
1
1
1
1.00
48in/48out
66in/66out
DOWN
SPREAD
(-)
CENTER SPD
(+/-)
14in/27out
DOWN
SPREAD
(-)
CENTER SPD
(+/-)
14in/14out
27in/27out
DOWN
SPREAD
(-)
DOWN
SPREAD
(-)
CENTER
SPREAD
(+/-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com