Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S72WS-N Datasheet(PDF) 21 Page - SPANSION

Part # S72WS-N
Description  Based MCP/PoP Products
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS-N Datasheet(HTML) 21 Page - SPANSION

Back Button S72WS-N Datasheet HTML 17Page - SPANSION S72WS-N Datasheet HTML 18Page - SPANSION S72WS-N Datasheet HTML 19Page - SPANSION S72WS-N Datasheet HTML 20Page - SPANSION S72WS-N Datasheet HTML 21Page - SPANSION S72WS-N Datasheet HTML 22Page - SPANSION S72WS-N Datasheet HTML 23Page - SPANSION S72WS-N Datasheet HTML 24Page - SPANSION S72WS-N Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
June 1, 2006 S72WS-N_00_A8
S72WS-N Based MCP/PoP Products
19
Advance
Informatio n
S72WS512NEF Valid Combinations
Flash
Burst Speed
SDRAM Supplier
SDRAM
Burst
Speed
Package Type
Package
Marking
Base Ordering
Part Number
Package &
Temperature
Model
Number
Packing
Type
S72WS512NEF
KFW
HJ
0, 2, 3
(Note 1)
66 MHz
DRAM Type 2
133 MHz
15x15x1.2 mm
160-ball
(Note 2)
Notes:
1. Packing Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type
designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com