Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-16 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9250-16
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-16 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9250-16 Datasheet HTML 1Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 2Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 3Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 4Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-16 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
ICS9250-16
The ICS9250-16 is a single chip clock solution for 810/810E type
chipset. It provides all necessary clock signals for such
a system.
Spread spectrum may be enabled through I2C programming. Spread
spectrum typically reduces EMI by 8dB to 10 dB. This simplifies
EMI qualification without resorting to board design iterations or
costly shielding. The ICS9250-16 employs a proprietary closed
loop design, which tightly controls the percentage of spreading
over process and temperature variations.
General Description
Pin Configuration
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1
2
S
FN
I
y
t
i
l
a
n
o
i
t
c
n
u
f
t
u
p
t
u
o
l
l
a
,
y
c
n
e
u
q
e
r
f
U
P
C
s
e
n
i
m
r
e
t
e
D
.
n
i
p
t
c
e
l
e
S
n
o
i
t
c
n
u
F
K
0
5
h
t
i
w
(
W
.
)
n
w
o
d
-
l
l
u
p
0
F
E
RT
U
O.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
,
V
3
.
3
31
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
42
XT
U
O
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
)
F
p
3
3
(
p
a
c
,
3
2
,
7
1
,
4
1
,
6
,
5
7
4
,
1
4
,
5
3
,
4
2
)
5
:
0
(
D
N
GR
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
7
,
8]
0
:
1
[
6
6
V
3T
U
OB
U
H
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
z
H
M
6
6
d
e
x
i
F
V
3
.
3
,
1
2
,
0
1
,
9
,
2
4
4
,
8
3
,
3
3
,
7
2
,
2
2
)
5
:
0
(
D
D
VR
W
Py
l
p
p
u
s
r
e
w
o
p
V
3
.
3
,
6
1
,
8
1
,
9
1
,
0
2
1
1
,
2
1
,
3
1
,
5
1
]
0
:
7
[
K
L
C
I
C
PT
U
OS
K
L
C
U
P
C
s
u
o
n
o
r
h
c
n
y
S
h
t
i
w
,
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
6
2
,
5
2)
1
:
0
(
z
H
M
8
4T
U
OB
S
U
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
d
e
x
i
F
V
3
.
3
9
2
,
8
2)
1
:
0
(
S
FN
I
.
y
t
i
l
a
n
o
i
t
c
n
u
f
t
u
p
t
u
o
l
l
a
,
y
c
n
e
u
q
e
r
f
U
P
C
s
e
n
i
m
r
e
t
e
D
.
s
n
i
p
t
c
e
l
e
S
n
o
i
t
c
n
u
F
.
3
e
g
a
p
n
o
e
l
b
a
t
y
t
i
l
a
n
o
i
t
c
n
u
F
o
t
r
e
f
e
r
e
s
a
e
l
P
0
3A
T
A
D
SN
II
r
o
f
t
u
p
n
i
a
t
a
D
2
.
t
u
p
n
i
l
a
i
r
e
s
C
1
3K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
C
2
3#
D
PN
I
o
t
n
i
e
c
i
v
e
d
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
i
t
c
a
s
u
o
n
o
r
h
c
n
y
s
A
d
n
a
O
C
V
e
h
t
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
e
h
T
.
e
t
a
t
s
r
e
w
o
p
w
o
l
a
e
b
t
o
n
l
l
i
w
n
w
o
d
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
e
h
T
.
d
e
p
p
o
t
s
e
r
a
l
a
t
s
y
r
c
e
h
t
.
s
m
3
n
a
h
t
r
e
t
a
e
r
g
,
0
4
,
9
3
,
7
3
,
6
3
6
4
,
5
4
,
3
4
,
2
4
]
0
:
7
[
M
A
R
D
ST
U
O
f
f
o
d
e
n
r
u
t
e
b
n
a
c
s
t
u
p
t
u
o
M
A
R
D
S
l
l
A
.
z
H
M
0
0
1
g
n
i
n
n
u
r
t
u
p
t
u
o
V
3
.
3
I
h
g
u
o
r
h
t
2C
4
3F
_
M
A
R
D
ST
U
OI
h
g
u
o
r
h
t
f
f
o
d
e
n
r
u
t
e
b
t
o
n
n
a
c
,
M
A
R
D
S
z
H
M
0
0
1
g
n
i
n
n
u
r
e
e
r
f
V
3
.
3
2C
8
4
,
6
5]
0
:
1
[
L
D
N
GR
W
PC
I
P
A
&
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
5
.
2
r
o
f
d
n
u
o
r
G
2
5
,
0
5
,
9
4]
0
:
2
[
K
L
C
U
P
CT
U
O
g
n
i
d
n
e
p
e
d
z
H
M
3
3
1
r
o
z
H
M
0
0
1
,
z
H
M
6
6
.
t
u
p
t
u
o
k
c
o
l
c
s
u
b
t
s
o
H
V
5
.
2
.
s
n
i
p
)
2
:
0
(
S
F
n
o
3
5
,
1
5)
1
:
0
(
L
D
D
VR
W
PC
I
P
A
O
I
&
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
5
.
2
5
5
,
4
5]
0
:
1
[
C
I
P
A
O
IT
U
O.
z
H
M
3
.
3
3
t
a
g
n
i
n
n
u
r
s
t
u
p
t
u
o
k
c
o
l
c
V
5
.
2
Power Groups
VDD0, GND0 = REF & Crystal
VDD1, GND1 = 3V66 (0:1)
VDD2, GND2 = PCICLK(0:7)
VDD3, GND3 = PLL core
VDD4, GND4 = 48MHz (0:1)
VDD5, GND5 = SDRAM_F, SDRAM (0:7)
VDDL0, GNDL0 = CPUCLK (0:2)
VDDL1, GNDL1 = IOAPIC (0:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com