Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-28 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS9250-28
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-28 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS9250-28 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 13Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 14Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 15Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 16Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 17Page - Renesas Technology Corp ICS9250-28 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
ICS9250-28
Group Offset Waveforms
Cycle Repeats
0ns
CPU 66MHz
CPU 100MHz
CPU 133MHz
SDRAM 133MHz
SDRAM 100MHz
3V66MHz
PCI 33MHz
APIC 33MHz
REF 14.318MHz
USB 48MHz
10ns
20ns
30ns
40ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com