Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93701 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS93701
Description  DDR Phase Lock Loop Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93701 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS93701 Datasheet HTML 1Page - Renesas Technology Corp ICS93701 Datasheet HTML 2Page - Renesas Technology Corp ICS93701 Datasheet HTML 3Page - Renesas Technology Corp ICS93701 Datasheet HTML 4Page - Renesas Technology Corp ICS93701 Datasheet HTML 5Page - Renesas Technology Corp ICS93701 Datasheet HTML 6Page - Renesas Technology Corp ICS93701 Datasheet HTML 7Page - Renesas Technology Corp ICS93701 Datasheet HTML 8Page - Renesas Technology Corp ICS93701 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS93701
Pin Descriptions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1,7,8,18,24,25,
GND
PWR
Ground
31,41,42,48
26,30,40,43,47, CLKC(9:0)
OUT
"Complementary" clocks of differential pair outputs.
23,19,9,6,2
27,29,39,44,46,
CLKT (9:0)
OUT
"True" Clock of differential pair outputs.
22,20,10,5,3
4,11,21,28,
VDD
PWR
Power supply 2.5V
34,38,45,
12
SCLK
IN
Clock input of l2C input,5V tolerant input
13
CLK_INT
IN
"True" reference clock input
14
CLK_INC
IN
"Complementary" reference clock input
15
VDDl2C
PWR
3.3V power for 12
c
16
AVDD
PWR
Analog power supply,2.5V
17
AGND
PWR
Analog ground.
"Complementary" Feedback output,dedicated for external feedback. It
32
FB_OUTC
OUT
switches at the same frequency as the CLK. This output must be wired
to FB_INC.
"True" " Feedback output,dedicated for external feedback. It switches
33
FB_OUTT
OUT
at the same frequency as the CLK. This output must be wired to
FB_INT.
35
FB_INT
IN
"True" Feedback input,provides feedback signal to the internal PLL for
synchronization with CLK_INT to eliminate phase error.
36
FB_INC
IN
"Complementary" Feedback input,provides signal to the internal PLL
for synchronization with CLK_INC to eliminate phase error.
37
SDATA
IN Data input for 12C serial input,5V tolerant input
0417B---10/29/02
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com