Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94211 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS94211
Description  Programmable System Frequency Generator for PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94211 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS94211 Datasheet HTML 9Page - Renesas Technology Corp ICS94211 Datasheet HTML 10Page - Renesas Technology Corp ICS94211 Datasheet HTML 11Page - Renesas Technology Corp ICS94211 Datasheet HTML 12Page - Renesas Technology Corp ICS94211 Datasheet HTML 13Page - Renesas Technology Corp ICS94211 Datasheet HTML 14Page - Renesas Technology Corp ICS94211 Datasheet HTML 15Page - Renesas Technology Corp ICS94211 Datasheet HTML 16Page - Renesas Technology Corp ICS94211 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
ICS94211
0441F—08/24/05
Electrical Characteristics - REF, 24_48MHz, 48MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
1
RDSP5
VO = VDD*(0.5)
20
60
Ω
Output Impedance
1
RDSN5
VO = VDD*(0.5)
20
60
Ω
Output High Voltage
VOH5
IOH = -1 mA
2.4
V
Output Low Voltage
VOL5
IOL = 1 mA
0.4
V
VOH @ MIN = 1.0 V
-23
VOH @ MAX = 3.135 V
-29
VOL @ MIN = 1.95 V
29
VOL @ MAX = 0.4 V
27
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
0.4
2
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
0.4
2
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
455355%
VT = 1.5 V, Fixed clocks
200
500
VT = 1.5 V, Ref clocks
1032
1250
1Guaranteed by design, not 100% tested in production.
Jitter, cycle-to-cycle
1
tjcyc-cyc5
ps
Output High Current
IOH5
mA
Output Low Current
IOL5
mA
0441C—10/09/03
0441C—10/09/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com