Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950211 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS950211
Description  Programmable Timing Control Hub™ for P4™
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950211 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS950211 Datasheet HTML 6Page - Renesas Technology Corp ICS950211 Datasheet HTML 7Page - Renesas Technology Corp ICS950211 Datasheet HTML 8Page - Renesas Technology Corp ICS950211 Datasheet HTML 9Page - Renesas Technology Corp ICS950211 Datasheet HTML 10Page - Renesas Technology Corp ICS950211 Datasheet HTML 11Page - Renesas Technology Corp ICS950211 Datasheet HTML 12Page - Renesas Technology Corp ICS950211 Datasheet HTML 13Page - Renesas Technology Corp ICS950211 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS950211
0465E—05/17/05
Byte 17: Output Divider Control Register
Byte 18: Group Skew Control Register
Byte 19: Group Skew Control Register
Table 1
Table 2
)
2
:
3
(
v
i
D
0
01
00
11
1
)
0
:
1
(
v
i
D
0
02
/4
/8
/6
1
/
1
03
/6
/2
1
/4
2
/
0
15
/0
1
/0
2
/0
4
/
1
17
/4
1
/8
2
/6
5
/
)
2
:
3
(
v
i
D
0
01
00
11
1
)
0
:
1
(
v
i
D
0
04
/8
/6
1
/2
3
/
1
03
/6
/2
1
/4
2
/
0
15
/0
1
/0
2
/0
4
/
1
17
/4
1
/8
2
/6
5
/
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BV
N
I
_
6
6
V
3X
t
i
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
]
2
:
3
[
6
6
V
3
6
t
i
BV
N
I
_
6
6
V
3X
t
i
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
6
6
V
3
5
t
i
BV
N
I
_
U
P
CX
t
i
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
2
K
L
C
U
P
C
4
t
i
BV
N
I
_
U
P
CX
t
i
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
]
0
:
1
[
K
L
C
U
P
C
3
t
i
Bd
e
v
r
e
s
e
RX
4
e
s
e
h
t
a
i
v
d
e
r
u
g
i
f
n
o
c
e
b
n
a
c
o
i
t
a
r
r
e
d
i
v
i
d
k
c
o
l
c
]
0
:
1
[
6
6
V
3
.
1
e
l
b
a
T
o
t
r
e
f
e
r
e
l
b
a
t
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
r
o
F
.
y
ll
a
u
d
i
v
i
d
n
i
s
t
i
b
.
r
e
d
i
v
i
d
S
F
d
e
h
c
t
a
l
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
2
t
i
Bd
e
v
r
e
s
e
RX
1
t
i
Bd
e
v
r
e
s
e
RX
0
t
i
Bd
e
v
r
e
s
e
RX
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B1
w
e
k
S
_
U
P
C0
o
t
t
c
e
p
s
e
r
h
t
i
w
2
T
/
C
K
L
C
U
P
C
e
h
t
y
a
l
e
d
s
t
i
b
2
e
s
e
h
T
)
0
:
1
(
T
/
C
K
L
C
U
P
C
s
p
0
5
7
=
1
1
s
p
0
0
5
=
0
1
s
p
0
5
2
=
1
0
s
p
0
=
0
0
6
t
i
B0
w
e
k
S
_
U
P
C1
5
t
i
Bd
e
v
r
e
s
e
R0
d
e
v
r
e
s
e
R
4
t
i
Bd
e
v
r
e
s
e
R0
d
e
v
r
e
s
e
R
3
t
i
B1
w
e
k
S
_
U
P
C0
e
h
t
y
a
l
e
d
s
t
i
b
2
e
s
e
h
T)
0
:
1
(
T
/
C
K
L
C
U
P
Co
t
t
c
e
p
s
e
r
h
t
i
w
k
c
o
l
c
2
T
/
C
K
L
C
U
P
C
s
p
0
5
2
=
1
0
s
p
0
=
0
0s
p
0
5
7
=
1
1
s
p
0
0
5
=
0
1
2
t
i
B0
w
e
k
S
_
U
P
C1
1
t
i
Bd
e
v
r
e
s
e
R0
d
e
v
r
e
s
e
R
0
t
i
Bd
e
v
r
e
s
e
R0
d
e
v
r
e
s
e
R
t
i
Be
m
a
ND
W
Pe
c
n
e
u
q
e
S
g
n
i
m
m
a
r
g
o
r
P
7
t
i
B
l
o
r
t
n
o
c
s
t
i
b
4
e
s
e
h
T
)
1
:
3
(
6
6
V
3
-
U
P
C
1
0
000
s
p
0d
e
v
r
e
s
e
R
6
t
i
B1
0
1 0 0
s
p
0
5
1d
e
v
r
e
s
e
R
5
t
i
B
1
1
000
s
p
0
0
3d
e
v
r
e
s
e
R
4
t
i
B1
1
1 0 0
s
p
0
5
4d
e
v
r
e
s
e
R
3
t
i
B
l
o
r
t
n
o
c
s
t
i
b
4
e
s
e
h
T
0
_
6
6
V
3
-
U
P
C
11
1 0
1
s
p
0
0
6d
e
v
r
e
s
e
R
2
t
i
B1
1
1 1 0
s
p
0
5
7d
e
v
r
e
s
e
R
1
t
i
B
1
1
111
s
p
0
0
9d
e
v
r
e
s
e
R
0
t
i
B1
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
Byte 16: Output Divider Control Register
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B3
v
i
D
I
C
PX
a
i
v
d
e
r
u
g
i
f
n
o
c
e
b
n
a
c
o
i
t
a
r
r
e
d
i
v
i
d
k
c
o
l
c
]
2
:
3
[
6
6
V
3
r
e
f
e
r
e
l
b
a
t
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
r
o
F
.
y
ll
a
u
d
i
v
i
d
n
i
s
t
i
b
4
e
s
e
h
t
.
r
e
d
i
v
i
d
S
F
d
e
h
c
t
a
l
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
.
1
e
l
b
a
T
o
t
6
t
i
B2
v
i
D
I
C
PX
5
t
i
B1
v
i
D
I
C
PX
4
t
i
B0
v
i
D
I
C
PX
3
t
i
B3
v
i
D
6
6
V
3X
a
i
v
d
e
r
u
g
i
f
n
o
c
e
b
n
a
c
o
i
t
a
r
r
e
d
i
v
i
d
k
c
o
l
c
]
0
:
1
[
6
6
V
3
r
e
f
e
r
e
l
b
a
t
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
r
o
F
.
y
ll
a
u
d
i
v
i
d
n
i
s
t
i
b
4
e
s
e
h
t
.
r
e
d
i
v
i
d
S
F
d
e
h
c
t
a
l
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
.
1
e
l
b
a
T
o
t
2
t
i
B2
v
i
D
6
6
V
3X
1
t
i
B1
v
i
D
6
6
V
3X
0
t
i
B0
v
i
D
6
6
V
3X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com