Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950219 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS950219
Description  Programmable Timing Control Hub™ for P4™
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950219 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS950219 Datasheet HTML 9Page - Renesas Technology Corp ICS950219 Datasheet HTML 10Page - Renesas Technology Corp ICS950219 Datasheet HTML 11Page - Renesas Technology Corp ICS950219 Datasheet HTML 12Page - Renesas Technology Corp ICS950219 Datasheet HTML 13Page - Renesas Technology Corp ICS950219 Datasheet HTML 14Page - Renesas Technology Corp ICS950219 Datasheet HTML 15Page - Renesas Technology Corp ICS950219 Datasheet HTML 16Page - Renesas Technology Corp ICS950219 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS950219
Preliminary Product Preview
0640D—12/30/03
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
T
A = 0 - 70C; Supply Voltage VDD = 3.3 V +5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
V
IL
V
SS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
mA
Input Low Current
I
IL1
V
IN = 0 V; Inputs with no pull-up res is tors
-5
mA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
mA
Operating
C
L = 0 pF; Select @ 66M
100
mA
Supply Current
CL = Full load
360
mA
IREF=2.32
25
mA
IREF= 5mA
45
mA
Input frequency
Fi
VDD = 3.3 V;
14.318
MHz
Pin Inductance
L
pin
7nH
CIN
Logic Inputs
5
pF
C
out
Out put pin capacitance
6
pF
CINX
X1 & X2 pins
27
36
45
pF
Transition Time
1
Ttrans
To 1st crossing of target Freq.
3
mS
Settling Time
1
T
s
From 1st crossing to 1% target Freq.
3
mS
Clk Stabilization
1
T
STAB
From V
DD = 3.3 V to 1% target Freq.
3
mS
tPZH,tPZH
output enable delay (all outputs)
1
10
nS
tPLZ,tPZH
output disable delay (all outputs)
1
10
nS
1Guarenteed by design, not 100% tested in production.
Input Capacitance
1
Delay
I
DD3.3OP
Power Down
Supply Current
I
DD3.3PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com