Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950227 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS950227
Description  Programmable Timing Control Hub™ for P4™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950227 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS950227 Datasheet HTML 10Page - Renesas Technology Corp ICS950227 Datasheet HTML 11Page - Renesas Technology Corp ICS950227 Datasheet HTML 12Page - Renesas Technology Corp ICS950227 Datasheet HTML 13Page - Renesas Technology Corp ICS950227 Datasheet HTML 14Page - Renesas Technology Corp ICS950227 Datasheet HTML 15Page - Renesas Technology Corp ICS950227 Datasheet HTML 16Page - Renesas Technology Corp ICS950227 Datasheet HTML 17Page - Renesas Technology Corp ICS950227 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS950227
0641D—07/03/03
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO
48.008
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
60
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
3.27
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
V OH@MIN = 1.0 V,
-29
-61
Output High Current
IOH
1
V OH@MAX = 3.135 V
-12
-23
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX =
0.4 V
29
27
mA
48DOT Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
0.84
1
ns
48DOT Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
0.92
1
ns
VCH 48 USB Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1
1.74
2
ns
VCH 48 USB Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1
1.84
2
ns
48 DOT Duty Cycle
dt1
1
VT = 1.5 V
45
53.2
55
%
VCH 48 USB Duty Cycle
dt1
1
VT = 1.5 V
45
52.5
55
%
48 DOT Jitter
tjcyc-cyc
1
VT = 1.5 V
151
350
ps
USB to DOT Skew
tsk1
1
VT = 1.5 V (0 OR 180 degrees)
0.53
1
ns
VCH Jitter
tjcyc-cyc
1
VT = 1.5 V
187
350
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - REF
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
14.318
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
60
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
3.28
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
V OH@MIN = 1.0 V
-33
-110
Output High Current
IOH
1
V OH@MAX = 3.135 V
-20
-33
mA
VOL @MIN = 1.95 V
30
110
Output Low Current
IOL
1
VOL @MAX = 0.4 V
37
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1
1.38
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1
1.31
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
54.7
55
%
Jitter
tjcyc-cyc
1
VT = 1.5 V
276
1000
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com