Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3-AC2MB Datasheet(PDF) 1 Page - Coolgear Inc.

Part # USB3-AC2MB
Description  USB 3.2 GEN 2 TYPE-C MALE TO TYP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USB3-AC2MB Datasheet(HTML) 1 Page - Coolgear Inc.

  USB3-AC2MB Datasheet HTML 1Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
REV.
DATE
ECN NO.
DESCRIPTION
A0
2021.04.17
NOTE:All materials compliant with RoHS,REACH and PrO65 standards
1
2
3
4
5
AR
MM
SPECIFICATIONS
NAME
UNIT
NO.
Q'TY
CABLE
1
PCS
CONNECTOR
MG70 LDPE
CONNECTOR
OUTER MOLDING
Black PVC 40P
1
PCS
10
G
INNER MOLDING
10
G
1.100% real machine screen test
2.Insulation resistance:10MΩ MIN (300DC/0.01s).
3.Conduction impedance:2Ω MAX.
Testing Requirements:
USB3.0A /M connector blue core/nickel plated iron case/pin gold plated
USB3.0 TYPE C/M connector black core/nickel plated iron case/pin gold plated
USB3.0 (28AWG.7/0.12TC*1P+D7/0.12TC+AL+HM )*2+(28AWG.7/0.12TC)*1P+
24AWG 7/0.2TC*2C+ADB+PVC OD:5.5MM BLACK
2,000 ±0.5mm
P1
A'
A
SEC:A--A'
PINASSIGNMENT
P2
1
2
7
SHELL
3
VBUS
A6 D-
A7 D+
4
GND
5
6
A3 SSRX-
A2 SSRX+
7 GND
8
9
B10 SSTX-
B11 SSTX+
SHELL
Braid
Jacket
Drain
1
2
4 5
5.5±0.2
1
4
5
9
1
17.93±0.5
2,000±0.5
4.65±0.5
7.93±0.5
14.29±0.5
2±0.5
(28AWG.7/0.12TC*1P+D7/0.12TC+AL+HM )
28AWG.7/0.12TC
24AWG 7/0.2TC*2C
30AWG 7/0.10BC
16/4/0.12AL-MG
P2
B1
B12
A12
A1
3
4
5
6.8±0.2
31±0.5
12±0.3
DRAW:
DATE:
MODEL #:
USB3-AC2MB
+/- 0.15 mm
1mm = 1mm
mm
support@coolgear.com
coolgear.com
PAGE:
1 / 1
NOTES:
UNIT:
TOLERANCE:
SCALE:
SITE:
CONTACT:


Similar Part No. - USB3-AC2MB

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB3-AC03MB COOLGEAR-USB3-AC03MB Datasheet
125Kb / 1P
USB 3.2 Gen 2 Type-C Male to Type-A Male Cable
2021.04.17
USB3-AC1MB COOLGEAR-USB3-AC1MB Datasheet
158Kb / 1P
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0
More results

Similar Description - USB3-AC2MB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB7216C MICROCHIP-USB7216C Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7216 MICROCHIP-USB7216 Datasheet
1Mb / 61P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
logo
Coolgear Inc.
CG-CMCRM5A100-05M COOLGEAR-CG-CMCRM5A100-05M Datasheet
283Kb / 2P
1ft. USB 3.2 Gen 2 Type-C to Right Angle Type-C Cable 5A 100W
Rev 05.220505
CG-CMCRM5A100-1.8M COOLGEAR-CG-CMCRM5A100-1.8M Datasheet
1Mb / 2P
6ft. USB 3.2 Gen 2 Type-C to Right Angle Type-C Cable 5A 100W
Rev 05.220505
CG-CMCRM5A100-1M COOLGEAR-CG-CMCRM5A100-1M Datasheet
1Mb / 2P
3ft. USB 3.2 Gen 2 Type-C to Right Angle Type-C Cable 5A 100W
Rev 05.220505
USB3-AC03MB COOLGEAR-USB3-AC03MB Datasheet
125Kb / 1P
USB 3.2 Gen 2 Type-C Male to Type-A Male Cable
2021.04.17
logo
Tripp Lite. All Rights ...
U329-000-10G TRIPPLITE-U329-000-10G Datasheet
41Kb / 3P
USB-C to USB-A Adapter (F/M), USB 3.2 Gen 2 (10 Gbps)
logo
Coolgear Inc.
CGL-G2180CMC-03M COOLGEAR-CGL-G2180CMC-03M Datasheet
1Mb / 1P
USB 3.2 Gen 2 180° Male Type-C to Male C
3/17/2023
logo
Kycon, Inc.
KUSB67X-SMTTH-CS4-BTR KYCON-KUSB67X-SMTTH-CS4-BTR Datasheet
220Kb / 2P
USB 3.2 Gen 2, Type C Socket
REV. A1 10/23/19
logo
Coolgear Inc.
USB3-AC1MB COOLGEAR-USB3-AC1MB Datasheet
158Kb / 1P
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com