Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 15Page - Texas Instruments ADS5463IPFP Datasheet HTML 16Page - Texas Instruments ADS5463IPFP Datasheet HTML 17Page - Texas Instruments ADS5463IPFP Datasheet HTML 18Page - Texas Instruments ADS5463IPFP Datasheet HTML 19Page - Texas Instruments ADS5463IPFP Datasheet HTML 20Page - Texas Instruments ADS5463IPFP Datasheet HTML 21Page - Texas Instruments ADS5463IPFP Datasheet HTML 22Page - Texas Instruments ADS5463IPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
www.ti.com
ADS5463
THS9001
AIN
AIN
VIN
VIN
THS9001
S0177-03
1000pF
1000pF
39pF
50 W
50 W
0.1 F
m
1000pF
1000pF
18 H
m
18pF
AIN
AIN
VREF
ADS5463
+5V
THS4509
CM
348 W
348 W
100 W
100 W
78.9 W
78.9 W
49.9 W
VIN
From
50
Source
W
49.9 W
49.9 W
49.9 W
0.1 F
m
0.1 F
m
0.22 F
m
0.22 F
m
0.22 F
m
S0193-02
Clock Inputs
ADS5463
SLAS515 – NOVEMBER 2006
Application Information (continued)
Figure 37. Using the THS9001 IF Amplifier With the ADS5463
Figure 38. Using the THS4509 With the ADS5463
For applications requiring dc-coupling with the signal source, a differential input/differential output amplifier like
the THS4509 (see Figure 38) is a good solution, as it minimizes board space and reduces the number of
components.
In this configuration, the THS4509 amplifier circuit provides 10 dB of gain, converts the single-ended input to
differential, and sets the proper input common-mode voltage to the ADS5463. The 50-
Ω resistors and 18-pF
capacitor between the THS4509 outputs and ADS5463 inputs (along with the input capacitance of the ADC) limit
the bandwidth of the signal to about 70 MHz (–3 dB). Input termination is accomplished via the 78.9-
Ω resistor
and 0.22-
µF capacitor to ground, in conjunction with the input impedance of the amplifier circuit. A 0.22-µF
capacitor and 49.9-
Ω resistor are inserted to ground across the 78.9-Ω resistor and 0.22-µF capacitor on the
alternate input to balance the circuit. Gain is a function of the source impedance, termination, and 348-
Ω
feedback resistor. See the THS4509 data sheet for further component values to set proper 50-
Ω termination for
other common gains. Because the ADS5463 recommended input common-mode voltage is 2.4 V, the THS4509
is operated from a single power supply input with V S+ = 5 V and V S– = 0 V (ground). This maintains maximum
headroom on the internal transistors of the THS4509.
The ADS5463 clock input can be driven with either a differential clock signal or a single-ended clock input, with
little or no difference in performance between both configurations. In low-input-frequency applications, where
jitter may not be a big concern, the use of a single-ended clock (see Figure 39) could save some cost and board
space without any trade-off in performance. When clocked with this configuration, it is best to connect CLK to
ground with a 0.01-
µF capacitor, while CLK is ac-coupled with a 0.01-µF capacitor to the clock source, as shown
in Figure 39.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com