Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S71WS256JC0BAWTY3 Datasheet(PDF) 77 Page - SPANSION

Part # S71WS256JC0BAWTY3
Description  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256JC0BAWTY3 Datasheet(HTML) 77 Page - SPANSION

Back Button S71WS256JC0BAWTY3 Datasheet HTML 73Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 74Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 75Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 76Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 77Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 78Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 79Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 80Page - SPANSION S71WS256JC0BAWTY3 Datasheet HTML 81Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
75
Pr elim inary
SURFHVVRU WR NHHS WUDFN RI WKH QXPEHU RI 3DVVZRUG 8QORFN FRPPDQGV WKH RUGHU
DQG ZKHQ WR UHDG WKH 33% /RFN ELW WR FRQILUP VXFFHVVIXO SDVVZRUG XQORFN ,Q
RUGHU WR UH ORFN WKH GHYLFH LQWR WKH 3DVVZRUG 0RGH WKH 33% /RFN %LW 6HW FRP
PDQG FDQEH UHLVVXHG
PPB Program Command
7KH 33% 3URJUDP FRPPDQG LV XVHG WRSURJUDP RU VHW DJLYHQ 33% (DFK 33% LV
LQGLYLGXDOO\ SURJUDPPHG EXW LV EXON HUDVHG ZLWK WKH RWKHU 33%V  7KH VSHFLILF
VHFWRU DGGUHVV $PD[±$ DUH ZULWWHQ DW WKH VDPH WLPH DV WKH SURJUDP FRP
PDQG K ZLWK $
 ,I WKH 33% /RFN %LW LV VHW DQG WKH FRUUHVSRQGLQJ 33% LV VHW
IRU WKH VHFWRU WKH 33% 3URJUDP FRPPDQG ZLOO QRW H[HFXWH DQG WKH FRPPDQG ZLOO
WLPHRXWZLWKRXWSURJUDPPLQJWKH33%
$IWHU SURJUDPPLQJ D 33% WZR DGGLWLRQDO F\FOHV DUH QHHGHG WR GHWHUPLQH ZKHWKHU
WKH 33% KDV EHHQ SURJUDPPHG ZLWK PDUJLQ $IWHU WK F\FOH WKH GHYLFH UHTXLUHV
DSSUR[LPDWHO\  —V WLPH RXW SHULRG IRU SURJUDPPLQJ WKH 33% $QG WKHQ DIWHU
WKF\FOH WKHGHYLFHRXWSXWVYHULI\ GDWD DW'4
7KH 33% 3URJUDP FRPPDQG GRHV QRW IROORZ WKH (PEHGGHG 3URJUDP DOJRULWKP
:ULWLQJ WKH 6HFXUHG 6LOLFRQ 6HFWRU ([LW FRPPDQG UHWXUQV WKH GHYLFH EDFN WR QRU
PDORSHUDWLRQ
All PPB Erase Command
7KH$OO 33%(UDVH FRPPDQGLVXVHGWR HUDVHDOO 33%V LQ EXON 7KHUH LV QRPHDQV
IRU LQGLYLGXDOO\ HUDVLQJ D VSHFLILF 33% 8QOLNH WKH 33% SURJUDP QR VSHFLILF VHFWRU
DGGUHVV LV UHTXLUHG +RZHYHU ZKHQ WKH 33% HUDVH FRPPDQG LV ZULWWHQ K
DQG $
 DOO 6HFWRU 33%V DUH HUDVHG LQ SDUDOOHO ,I WKH 33% /RFN %LW LV VHW WKH
$// 33% (UDVH FRPPDQG ZLOO QRW H[HFXWH DQG WKH FRPPDQG ZLOO WLPHRXW ZLWK
RXWHUDVLQJWKH33%V
$IWHU HUDVLQJ WKH 33%V WZR DGGLWLRQDO F\FOHV DUH QHHGHG WR GHWHUPLQH ZKHWKHU
WKH 33% KDV EHHQ HUDVHG ZLWK PDUJLQ $IWHU WK F\FOH WKH GHYLFH UHTXLUHV DS
SUR[LPDWHO\  PV WLPH RXW SHULRG IRU HUDVLQJ WKH 33% $QG WKHQ DIWHU WK
F\FOHWKH GHYLFHRXWSXWVYHULI\GDWD DW'4
,W LV WKH UHVSRQVLELOLW\ RI WKH XVHU WR SUHSURJUDP DOO 33%V SULRU WR LVVXLQJ WKH $OO
33% (UDVH FRPPDQG ,I WKH XVHU DWWHPSWV WR HUDVH D FOHDUHG 33% RYHUHUDVXUH
PD\ RFFXU PDNLQJ LW GLIILFXOW WR SURJUDP WKH 33% DW D ODWHU WLPH $OVR QRWH WKDW
WKH WRWDO QXPEHU RI 33% SURJUDPHUDVH F\FOHV LV OLPLWHG WR  F\FOHV &\FOLQJ
WKH 33%V EH\RQG  F\FOHV LV QRW JXDUDQWHHG :ULWLQJ WKH 6HFXUHG 6LOLFRQ 6HF
WRU([LWFRPPDQGUHWXUQVWKHGHYLFH EDFN WR QRUPDO RSHUDWLRQ
PPB Status Command
7KH SURJUDPPLQJ RI WKH 33% IRU D JLYHQ VHFWRU FDQ EH YHULILHG E\ ZULWLQJ D 33%
VWDWXV YHULI\FRPPDQG WRWKHGHYLFH
PPB Lock Bit Status Command
7KH SURJUDPPLQJ RI WKH 33% /RFN %LW IRU D JLYHQ VHFWRU FDQ EH YHULILHG E\ ZULW
LQJ D33%/RFN%LW VWDWXV YHULI\FRPPDQGWR WKHGHYLFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com