Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S72WS512PFFKFKLE Datasheet(PDF) 16 Page - SPANSION

Part # S72WS512PFFKFKLE
Description  based MCP/PoP Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS512PFFKFKLE Datasheet(HTML) 16 Page - SPANSION

Back Button S72WS512PFFKFKLE Datasheet HTML 9Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 10Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 11Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 12Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 13Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 14Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 15Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 16Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 17Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
14
S72WS-P based MCP/PoP Products
S72WS-P_00_A4 May 29, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
5.4
BTA160—160-ball Fine-Pitch Ball Grid Array (FBGA) 15 x 15 mm Package
3550 \ 16-038.55 \ 02.23.06
PACKAGE
BTA 160
JEDEC
N/A
D x E
15.00 mm x 15.00 mm
NOTE
PACKAGE
SYMBOL
MIN
NOM
MAX
A
---
---
1.30
PROFILE
A1
0.40
---
---
BALL HEIGHT
A2
0.74
---
0.84
BODY THICKNESS
D
15.00 BSC.
BODY SIZE
E
15.00 BSC.
BODY SIZE
D1
13.65 BSC.
MATRIX FOOTPRINT
E1
13.65 BSC.
MATRIX FOOTPRINT
MD
22
MATRIX SIZE D DIRECTION
ME
22
MATRIX SIZE E DIRECTION
n
160
BALL COUNT
N
160
MAXIMUM NUMBER OF BALLS
R
2
NUMBER OF LAND PARAMETERS
Ø b
0.45
0.50
0.55
BALL DIAMETER
eE
0.65 BSC.
BALL PITCH
eD
0.65 BSC.
BALL PITCH
SD SE
0.325 BSC.
SOLDER BALL PLACEMENT
C3~C20,D3~D20,E3~E20,F3~F20
DEPOPULATED SOLDER BALLS
G3~G20,H3~H20,J3~J20,K3~K20
L3~L20,M3~M20,N3~N20,P3~P20
R3~R20,T3~T20,U3~U20,V3~V20
W3~W20,Y3~Y20
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JEP95, SECTION
4.3, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
10. OUTLINE AND DIMENSIONS PER CUSTOMER REQUIREMENT.
6
b
SIDE VIEW
C
160X
0.15 M
C A B
0.08 M
C
A
B
7
D
E
G
H
SE
F
C
CORNER
K
L
N
P
M
T
U
W
Y
V
R
E1
J
PIN A1
D1
eE
eD
AB
1
3
4
2
5
6
7
8
7
SD
10
13 12 11
14
15
17 16
9
19
21
22
20
BOTTOM VIEW
18
AA
A
D
E
9
CORNER
PIN A1
INDEX MARK
C
B
0.10
C
0.20
(2X)
TOP VIEW
C
0.10
C
0.10
(2X)
A1
A2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com