Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS31 Datasheet(PDF) 2 Page - Texas Instruments

Part # AM26LS31
Description  AM26LS31x Quadruple Differential Line Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS31 Datasheet(HTML) 2 Page - Texas Instruments

  AM26LS31_V01 Datasheet HTML 1Page - Texas Instruments AM26LS31_V01 Datasheet HTML 2Page - Texas Instruments AM26LS31_V01 Datasheet HTML 3Page - Texas Instruments AM26LS31_V01 Datasheet HTML 4Page - Texas Instruments AM26LS31_V01 Datasheet HTML 5Page - Texas Instruments AM26LS31_V01 Datasheet HTML 6Page - Texas Instruments AM26LS31_V01 Datasheet HTML 7Page - Texas Instruments AM26LS31_V01 Datasheet HTML 8Page - Texas Instruments AM26LS31_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
AM26LS31, AM26LS31C, AM26LS31I, AM26LS31M
SLLS114L – JANUARY 1979 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: AM26LS31 AM26LS31M
Submit Documentation Feedback
Copyright © 1979–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics .......................................... 5
6.6
Switching Characteristics – AM26LS31 .................... 5
6.7
Switching Characteristics – AM26LS31M ................. 5
6.8
Typical Characteristics .............................................. 6
7
Parameter Measurement Information .................. 8
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
Feature Description................................................... 9
8.4
Device Functional Modes........................................ 10
9
Application and Implementation ........................ 11
9.1
Application Information............................................ 11
9.2
Typical Application ................................................. 11
10
Power Supply Recommendations ..................... 13
11
Layout................................................................... 13
11.1
Layout Guidelines ................................................. 13
11.2
Layout Example .................................................... 13
12
Device and Documentation Support ................. 14
12.1
Documentation Support ........................................ 14
12.2
Related Links ........................................................ 14
12.3
Receiving Notification of Documentation Updates 14
12.4
Community Resources.......................................... 14
12.5
Trademarks ........................................................... 14
12.6
Electrostatic Discharge Caution ............................ 14
12.7
Glossary ................................................................ 14
13
Mechanical, Packaging, and Orderable
Information ........................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (July 2016) to Revision L
Page
•
Changed VCC pin number From: 8 To: 16 in the Pin Functions table .................................................................................. 3
•
Changed GND pin number From: 16 To: 8 in the Pin Functions table ................................................................................. 3
Changes from Revision J (January 2014) to Revision K
Page
•
Added Applications section, the Device Information table, ESD Ratings table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. ..... 1
•
Split up Switching Characteristics table into two tables specified for each part..................................................................... 5
Changes from Revision I (February 2006) to Revision J
Page
•
Updated document to new TI data sheet format - no specification changes. ........................................................................ 1
•
Deleted Ordering Information table. ....................................................................................................................................... 1
•
Updated Features. .................................................................................................................................................................. 1
•
Added Device and Documentation Support section............................................................................................................. 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com