Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA232 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA232_V02 Datasheet HTML 17Page - Texas Instruments INA232_V02 Datasheet HTML 18Page - Texas Instruments INA232_V02 Datasheet HTML 19Page - Texas Instruments INA232_V02 Datasheet HTML 20Page - Texas Instruments INA232_V02 Datasheet HTML 21Page - Texas Instruments INA232_V02 Datasheet HTML 22Page - Texas Instruments INA232_V02 Datasheet HTML 23Page - Texas Instruments INA232_V02 Datasheet HTML 24Page - Texas Instruments INA232_V02 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
7.6.1.7 Mask/Enable Register (Address = 6h) [reset = 0000h]
The Mask/Enable Register is shown in Table 7-10.
Table 7-10. Mask/Enable Register Field Descriptions
Bit
Field
Type
Reset
Description
15
SOL (Shunt Over-limit)
R/W
0b
Setting this bit high configures the ALERT pin to be asserted if the shunt voltage
conversion result exceeds the value programmed in the LIMIT register
14
SUL (Shunt Under-limit)
R/W
0b
Setting this bit high configures the ALERT pin to be asserted if the shunt voltage
conversion result is below the value programmed in the LIMIT register.
Cannot be set if Shunt overlimit is set.
13
BOL (Bus Over-limit)
R/W
0b
Setting this bit high configures the ALERT pin to be asserted if the bus voltage
conversion result exceeds the value programmed in the LIMIT register
Cannot be set if Shunt overlimit or Shunt underlimit is set.
12
BUL (Bus Under-limit)
R/W
0b
Setting this bit high configures the ALERT pin to be asserted if the bus voltage
conversion result is below the value programmed in the LIMIT register
Cannot be set if Shunt over limit, Shunt under limit or Bus over limit is set.
11
POL (Power Over-limit)
R/W
0b
Setting this bit high configures the ALERT pin to be asserted if the power result
exceeds the value programmed in the LIMIT register
Cannot be set if Shunt over limit, Shunt under limit, Bus over limit or Bus under
limit is set.
10
CNVR (Conversion
Ready)
R/W
0b
Setting this bit high configures the ALERT pin to be asserted when the
Conversion Ready Flag, Bit 3, is asserted indicating that the device is ready
for the next conversion.
0b = Disable conversion ready flag on ALERT pin
1b = Enables conversion ready flag on ALERT pin
9-6
Reserved
R
0000b
5
MemError
R
0b
CRC or ECC error
4
AFF (Alert Function
Flag)
R
0b
Alert Function Flag -While only one Alert Function can be monitored at the
ALERT pin at a time, the Conversion Ready can also be enabled to assert the
ALERT pin. Reading the Alert Function Flag following an alert allows the user to
determine if the Alert Function was the source of the Alert.
When the Alert Latch Enable bit is set to Latch mode, the Alert Function Flag bit
clears only when the Mask/Enable Register is read. When the Alert Latch Enable
bit is set to Transparent mode, the Alert Function Flag bit is cleared following the
next conversion that does not result in an Alert condition.
3
CVRF (Conversion
Ready Flag)
R
0b
Although the device can be read at any time, and the data from the last
conversion is available, the Conversion Ready Flag bit is provided to help
coordinate one-shot or triggered conversions.
The Conversion Ready Flag bit is set after all conversions, averaging, and
multiplications are complete.
Conversion Ready Flag bit clears under the following conditions:
1.) Writing to the Configuration Register (except for Power-Down selection)
2.) Reading the Mask/Enable Register
2
OVF (Math Over-flow)
R
0b
This bit is set to '1' if an arithmetic operation resulted in an overflow error. It
indicates that current and power data may be invalid.
1
APOL (Alert Polarity)
R/W
0b
Alert Polarity bit sets the Alert pin polarity.
0b = Normal (Active-low open drain)
1b= Inverted (active-high )
www.ti.com
INA232
SBOSAA2 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com