Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS33AM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS33AM
Description  AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS33AM Datasheet(HTML) 5 Page - Texas Instruments

  AM26LS33AM Datasheet HTML 1Page - Texas Instruments AM26LS33AM Datasheet HTML 2Page - Texas Instruments AM26LS33AM Datasheet HTML 3Page - Texas Instruments AM26LS33AM Datasheet HTML 4Page - Texas Instruments AM26LS33AM Datasheet HTML 5Page - Texas Instruments AM26LS33AM Datasheet HTML 6Page - Texas Instruments AM26LS33AM Datasheet HTML 7Page - Texas Instruments AM26LS33AM Datasheet HTML 8Page - Texas Instruments AM26LS33AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
AM26LS32AC, AM26LS32AI, AM26LS32AM
AM26LS33AC, AM26LS33AM
www.ti.com
SLLS115F – OCTOBER 1980 – REVISED SEPTEMBER 2016
Product Folder Links: AM26LS32AC AM26LS32AM AM26LS33AM
Submit Documentation Feedback
Copyright © 1980–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
AM26LS3xAC, AM26LS32AI
AM26LS32AC
UNIT
D (SOIC)
N (PDIP)
NS (SO)
PW (TSSOP)
16 PINS
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
75.7
45.3
75.8
102.7
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
35
32.7
32.9
37.8
°C/W
RθJB
Junction-to-board thermal resistance
33.3
25.3
36.6
47.7
°C/W
ψJT
Junction-to-top characterization
parameter
6.6
17.8
6
3
°C/W
ψJB
Junction-to-board characterization
parameter
33
25.1
36.3
47.1
°C/W
(1)
All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
(2)
The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for
threshold levels only.
(3)
Not more than one output must be shorted to ground at a time, and duration of the short circuit must not exceed one second.
6.5 Electrical Characteristics
over recommended ranges of VCC, VIC, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold
voltage
VO = VOHmin, IOH = –440 µA
AM26LS32A
0.2
V
AM26LS33A
0.5
VIT–
Negative-going input threshold
voltage
VO = 0.45 V , IOL = 8 mA
AM26LS32A
–0.2(2)
V
AM26LS33A
–0.5(2)
Vhys
Hysteresis voltage
(VIT+ – VIT–)
50
mV
VIK
Enable-input clamp voltage
VCC = MIN, II = –18 mA
–1.5
V
VOH
High-level output voltage
VCC = MIN, VID = 1 V,
VI(G) = 0.8 V, IOH = –440 µA
AM26LS32AC,
AM26LS33AC
2.7
V
AM26LS32AM,
AM26LS32AI,
AM26LS33AM
2.5
VOL
Low-level output voltage
VCC = MIN, VID = –1 V,
VI(G) = 0.8 V
IOL= 4 mA
0.4
V
IOL= 8 mA
0.45
IOZ
Off-state (high-impedance
state) output current
VCC = MAX
VO = 2.4 V
20
µA
VO = 0.4 V
–20
II
Line input current
VI = 15 V, other input at –10 V to 15 V
1.2
mA
VI = –15 V, other input at –15 V to 10 V
–1.7
II(EN)
Enable input current
VI = 5.5 V
100
µA
IH
High-level enable current
VI = 2.7 V
20
µA
IL
Low-level enable current
VI = 0.4 V
–0.36
mA
ri
Input resistance
VIC = –15 V to 15 V, one input to ac ground
12
15
kΩ
IOS
Short-circuit output current(3)
VCC = MAX
–15
–85
mA
ICC
Supply current
VCC = MAX, all outputs disabled
52
70
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com