Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS3XAC Datasheet(PDF) 1 Page - Texas Instruments

Part # AM26LS3XAC
Description  AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS3XAC Datasheet(HTML) 1 Page - Texas Instruments

  AM26LS3XAC Datasheet HTML 1Page - Texas Instruments AM26LS3XAC Datasheet HTML 2Page - Texas Instruments AM26LS3XAC Datasheet HTML 3Page - Texas Instruments AM26LS3XAC Datasheet HTML 4Page - Texas Instruments AM26LS3XAC Datasheet HTML 5Page - Texas Instruments AM26LS3XAC Datasheet HTML 6Page - Texas Instruments AM26LS3XAC Datasheet HTML 7Page - Texas Instruments AM26LS3XAC Datasheet HTML 8Page - Texas Instruments AM26LS3XAC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
4
12
2
1
3
6
7
5
10
9
11
14
15
13
G
G
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AM26LS32AC, AM26LS32AI, AM26LS32AM
AM26LS33AC, AM26LS33AM
SLLS115F – OCTOBER 1980 – REVISED SEPTEMBER 2016
AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
1
1 Features
1
•
AM26LS32A Devices Meet or Exceed the
Requirements of ANSI TIA/EIA-422-B, TIA/EIA-
423-B, and ITU Recommendations V.10 and V.11
•
AM26LS32A Devices Have ±7-V Common-Mode
Range With ±200-mV Sensitivity
•
AM26LS33A Devices Have ±15-V Common-Mode
Range With ±500-mV Sensitivity
•
Input Hysteresis 50 mV Typical
•
Operate From a Single 5-V Supply
•
Low-Power Schottky Circuitry
•
3-State Outputs
•
Complementary Output-Enable Inputs
•
Input Impedance 12 kΩ Minimum
•
Open Input Fail-Safe
2 Applications
•
High-Reliability Automotive Applications
•
Factory Automation
•
ATM and Cash Counters
•
Smart Grids
•
AC and Servo Motor Drives
3 Description
The AM26LS32Ax and AM26LS33Ax devices are
quadruple differential line receivers for balanced and
unbalanced digital data transmission. The enable
function is common to all four receivers and offers a
choice of active-high or active-low input. The 3-state
outputs permit connection directly to a bus-organized
system. Fail-safe design ensures that, if the inputs
are open, the outputs always are high.
Compared to the AM26LS32 and the AM26LS33, the
AM26LS32A
and
AM26LS33A
incorporate
an
additional stage of amplification to improve sensitivity.
The input impedance has been increased, resulting in
less loading of the bus line. The additional stage has
increased propagation delay; however, this does not
affect interchangeability in most applications.
The
AM26LS32AC
and
AM26LS33AC
are
characterized for operation from 0°C to 70°C. The
AM26LS32AI is characterized for operation from
–40°C
to
85°C.
The
AM26LS32AM
and
AM26LS33AM are characterized for operation over
the full military temperature range of –55°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AM26LS3xAC
AM26LS32AI
PDIP (16)
19.30 mm × 6.35 mm
SOIC (16)
9.90 mm × 3.90 mm
AM26LS32AC
SO (16)
10.20 mm × 5.30 mm
TSSOP (16)
5.00 mm × 4.40 mm
AM26LS3xAM
CDIP (16)
21.34 mm × 6.92 mm
LCCC (20)
8.90 mm × 8.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)
Pin numbers are for D, N, NS, or PW packages only.


Similar Part No. - AM26LS3XAC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LS3XAC TI2-AM26LS3XAC Datasheet
1Mb / 35P
AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
REVISED AUGUST 2023
More results

Similar Description - AM26LS3XAC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com