Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF145 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF145
Description  HF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF145 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF145 Datasheet HTML 4Page - NXP Semiconductors BLF145 Datasheet HTML 5Page - NXP Semiconductors BLF145 Datasheet HTML 6Page - NXP Semiconductors BLF145 Datasheet HTML 7Page - NXP Semiconductors BLF145 Datasheet HTML 8Page - NXP Semiconductors BLF145 Datasheet HTML 9Page - NXP Semiconductors BLF145 Datasheet HTML 10Page - NXP Semiconductors BLF145 Datasheet HTML 11Page - NXP Semiconductors BLF145 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
September 1992
9
Philips Semiconductors
Product specification
HF power MOS transistor
BLF145
List of components (class-AB test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with PTFE fibre-glass dielectric (
εr = 4.5),
thickness 1
⁄16 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C2
film dielectric trimmer
5 to 60 pF
2222 809 07011
C3, C6
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C4, C5
multilayer ceramic chip capacitor
(note 1)
27 pF
C7, C10
multilayer ceramic chip capacitor
(note 1)
39 pF
C8, C9
film dielectric trimmer
7 to 100 pF
2222 809 07015
C11
multilayer ceramic chip capacitor
3
× 100 nF
2222 852 47104
C12
electrolytic capacitor
2.2
µF, 63 V
2222 030 38228
L1
13 turns enamelled 0.5 mm copper
wire
415 nH
length 10 mm;
int. dia. 5 mm
L2, L3
stripline (note 2)
30
Ω
length 15
× 6mm
L4
10 turns enamelled 1 mm copper
wire
390 nH
length 13 mm;
int. dia. 7 mm
L5
9 turns enamelled 1 mm copper wire 245 nH
length 10 mm;
int. dia. 5 mm
L6
grade 3B Ferroxcube wideband HF
choke
4312 020 36640
R1
0.5 W metal film resistor
34
Ω
R2
0.25 W metal film resistor
10
Ω
Fig.14 Test circuit for class-AB operation.
f = 28 MHz.
handbook, full pagewidth
MGP045
input
50
Ω
C1
C3
C6
L1
L2
D.U.T.
L3
L5
+VG
L4
R1
C2
C8
C11
C5
C4
C7
C12
C10
+VD
C9
L6
R2
output
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com