Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM5W12AQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DM5W12AQ
Description  3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DM5W12AQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DM5W12AQ Datasheet HTML 1Page - Diodes Incorporated DM5W12AQ Datasheet HTML 2Page - Diodes Incorporated DM5W12AQ Datasheet HTML 3Page - Diodes Incorporated DM5W12AQ Datasheet HTML 4Page - Diodes Incorporated DM5W12AQ Datasheet HTML 5Page - Diodes Incorporated DM5W12AQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DM5W10AQ-DM5W43AQ
Document number: DS41000 Rev. 6 - 2
2 of 6
www.diodes.com
February 2022
© Diodes Incorporated
DM5W10AQ-DM5W43AQ
Marking Information
Date Code Key
Year
2018
…
2022
2023
2024
2025
2026
2027
2028
2029
2030
2031
Code
I
…
M
N
O
P
Q
R
S
T
U
V
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
A
B
C
Date
1
2
3
…
9
10
11
12
…
29
30
31
Code
1
2
3
…
9
A
B
C
…
T
U
V
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non Repetitive Current Pulse Derated above TA = +25°C)
(Note 6)
10/1000µs Waveform
PPK
3600
2800
W
10/10000µs Waveform
Peak Forward Surge Current,
8.3ms Single Half Sine-Wave Superimposed on Rated Load (Note 7)
IFSM
500
A
Steady State Power Dissipation @TC = +25°C
PM(AV)
5.0
W
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Case
RϴJC
1.1
°C/W
Operating Temperature Range
TJ
-55 to +175
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Notes:
6. Valid provided that terminals are kept at ambient temperature.
7. Measured on 8.3ms single half sine-wave or equivalent square wave. Duty cycle = 4 pulses per minute maximum.
Pin1
M5WxxA = Product Type Marking Code (i.e. M5W10A for DM5W10AQ-13)
= Manufacturers’ Code Marking
aa: Wafer source code
y: Year (M = 2022)
m: Month (1
– C)
d: Date (1
– V)
cc: Lot serial number
Bar Denotes Cathode Pin, Circle Denotes Anode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com