Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32E230CX Datasheet(PDF) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32E230CX
Description  ARM Cortex-M23 32-bit MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32E230CX Datasheet(HTML) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32E230CX Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230CX Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230CX Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230CX Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230CX Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230CX Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230CX Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230CX Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230CX Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
GD32E230xx Datasheet
45
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 8 MHz, All peripherals
disabled
-
—
2.1
-
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 4 MHz, All peripherals
enabled
—
0.8
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 4 MHz, All peripherals
disabled
—
0.6
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 2 MHz, All peripherals
enabled
-
—
0.6
-
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 2 MHz, All peripherals
disabled
—
0.5
—
mA
Supply current
(Sleep mode)
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 72 MHz, All
peripherals enabled
—
7.4
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 72 MHz, All
peripherals disabled
—
3.7
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 48 MHz, All
peripherals enabled
-
—
5.5
-
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 48 MHz, All
peripherals disabled
—
3.1
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 36 MHz, All
peripherals enabled
—
4.5
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 36 MHz, All
peripherals disabled
-
—
2.7
-
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 24 MHz, All
peripherals enabled
—
3.6
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 24 MHz, All
peripherals disabled
—
2.4
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 16 MHz, All
peripherals enabled
-
—
3.0
-
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com