Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM8W18A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DM8W18A
Description  6600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DM8W18A Datasheet(HTML) 3 Page - Diodes Incorporated

  DM8W18A Datasheet HTML 1Page - Diodes Incorporated DM8W18A Datasheet HTML 2Page - Diodes Incorporated DM8W18A Datasheet HTML 3Page - Diodes Incorporated DM8W18A Datasheet HTML 4Page - Diodes Incorporated DM8W18A Datasheet HTML 5Page - Diodes Incorporated DM8W18A Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DM8W10A-DM8W43A
Document number: DS40428 Rev. 6 - 2
3 of 6
www.diodes.com
February 2022
© Diodes Incorporated
DM8W10A-DM8W43A
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Part Number
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 8)
Test
Current
Max. Reverse
Leakage @
VRWM
Max. Clamping
Voltage @ IPP
Max. Peak Pulse
Current IPP at
10/1000µs
(Note 9)
Maximum
Leakage
at VWM
TJ = +175°C
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (µA)
VC (V)
(A)
ID (µA)
DM8W10A
10
11.1
12.3
5
15
17.0
388
250
DM8W11A
11
12.2
13.5
5
10
18.2
363
150
DM8W12A
12
13.3
14.7
5
10
19.9
332
150
DM8W13A
13
14.4
15.9
5
10
21.5
307
150
DM8W14A
14
15.6
17.2
5
10
23.2
284
150
DM8W15A
15
16.7
18.5
5
10
24.4
270
150
DM8W16A
16
17.8
19.7
5
10
26.0
254
150
DM8W17A
17
18.9
20.9
5
10
27.6
239
150
DM8W18A
18
20.0
22.1
5
10
29.2
226
150
DM8W20A
20
22.2
24.5
5
10
32.4
204
150
DM8W22A
22
24.4
26.9
5
10
35.5
186
150
DM8W24A
24
26.7
29.5
5
10
38.9
170
150
DM8W26A
26
28.9
31.9
5
10
42.1
157
150
DM8W28A
28
31.1
34.4
5
10
45.4
145
150
DM8W30A
30
33.3
36.8
5
10
48.4
136
150
DM8W33A
33
36.7
40.6
5
10
53.3
124
150
DM8W36A
36
40.0
44.2
5
10
58.1
114
150
DM8W40A
40
44.4
49.1
5
10
64.5
102
150
DM8W43A
43
47.8
52.8
5
10
69.4
95.1
150
Notes:
8. VBR measured with IT current pulse = 10ms to 15ms.
9. Refer to Figure 3 for the waveform.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com