Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32E230FX Datasheet(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32E230FX
Description  ARM Cortex-M23 32-bit MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32E230FX Datasheet(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32E230FX Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32E230FX Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
GD32E230xx Datasheet
20
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
EVENTOUT, I2S0_MCK, SPI1_NSS(5)
VSS
47
P
Default: VSS
VDD
48
P
Default: VDD
Notes:
(1) Type: I = input, O = output, P = power.
(2) I/O Level: 5VT = 5 V tolerant.
(3) Functions are available on GD32E230C4 devices only.
(4) Functions are available on GD32E230C8/6 devices.
(5) Functions are available on GD32E230C8 devices only.
2.6.2
GD32E230Kx LQFP32 pin definitions
Table 2-5. GD32E230Kx LQFP32 pin definitions
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
VDD
1
P
Default: VDD
PF0-OSCIN
2
I/O
5VT
Default: PF0
Alternate: I2C0_SDA
Additional: OSCIN
PF1-
OSCOUT
3
I/O
5VT
Default: PF1
Alternate: I2C0_SCL
Additional: OSCOUT
NRST
4
I/O
Default: NRST
VDDA
5
P
Default: VDDA
PA0-WKUP
6
I/O
Default: PA0
Alternate: USART0_CTS(3), USART1_CTS(4), CMP_OUT,
I2C1_SCL(5)
Additional: ADC_IN0, CMP_IM6, RTC_TAMP1, WKUP0
PA1
7
I/O
Default: PA1
Alternate: USART0_RTS(3), USART1_RTS(4),
I2C1_SDA(5), EVENTOUT, TIMER14_CH0_ON(5)
Additional: ADC_IN1, CMP_IP
PA2
8
I/O
Default: PA2
Alternate: USART0_TX(3), USART1_TX(4),
TIMER14_CH0(5)
Additional: ADC_IN2, CMP_IM7
PA3
9
I/O
Default: PA3
Alternate: USART0_RX(3), USART1_RX(4),
TIMER14_CH1(5)
Additional: ADC_IN3
PA4
10
I/O
Default: PA4
Alternate: SPI0_NSS, I2S0_WS, USART0_CK(3),
USART1_CK(4), TIMER13_CH0, SPI1_NSS(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com