Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM8W24AQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DM8W24AQ
Description  6600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DM8W24AQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DM8W24AQ Datasheet HTML 1Page - Diodes Incorporated DM8W24AQ Datasheet HTML 2Page - Diodes Incorporated DM8W24AQ Datasheet HTML 3Page - Diodes Incorporated DM8W24AQ Datasheet HTML 4Page - Diodes Incorporated DM8W24AQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DM8W10AQ-DM8W43AQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non Repetitive Current Pulse Derated above TA = +25°C)
(Note 6)
10/1000µs Waveform
PPK
6600
5200
W
10/10000µs Waveform
Peak Forward Surge Current,
8.3ms Single Half Sine-Wave Superimposed on Rated Load (Note 7)
IFSM
700
A
Steady State Power Dissipation @ TC = +25°C
PM(AV)
8.0
W
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Case
RϴJC
0.9
°C/W
Operating Temperature Range
TJ
-55 to +175
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Notes:
6. Valid provided that terminals are kept at ambient temperature.
7. Measured on 8.3ms single half sine-wave or equivalent square wave. Duty cycle = 4 pulses per minute maximum.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Part Number
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 8)
Test
Current
Max. Reverse
Leakage @
VRWM (Note 10)
Max. Clamping
Voltage @ Ipp
Max. Peak Pulse
Current Ipp at
10/1000µs
(Note 9)
Maximum
Leakage
at VWM
TJ = +175°C
VRWM (V) Min (V) Max (V)
IT (mA)
IR (µA)
VC (V)
(A)
ID (µA)
DM8W10AQ
10
11.1
12.3
5
15
17.0
388
250
DM8W11AQ
11
12.2
13.5
5
10
18.2
363
150
DM8W12AQ
12
13.3
14.7
5
10
19.9
332
150
DM8W13AQ
13
14.4
15.9
5
10
21.5
307
150
DM8W14AQ
14
15.6
17.2
5
10
23.2
284
150
DM8W15AQ
15
16.7
18.5
5
10
24.4
270
150
DM8W16AQ
16
17.8
19.7
5
10
26.0
254
150
DM8W17AQ
17
18.9
20.9
5
10
27.6
239
150
DM8W18AQ
18
20.0
22.1
5
10
29.2
226
150
DM8W20AQ
20
22.2
24.5
5
10
32.4
204
150
DM8W22AQ
22
24.4
26.9
5
10
35.5
186
150
DM8W24AQ
24
26.7
29.5
5
10
38.9
170
150
DM8W26AQ
26
28.9
31.9
5
10
42.1
157
150
DM8W28AQ
28
31.1
34.4
5
10
45.4
145
150
DM8W30AQ
30
33.3
36.8
5
10
48.4
136
150
DM8W33AQ
33
36.7
40.6
5
10
53.3
124
150
DM8W36AQ
36
40.0
44.2
5
10
58.1
114
150
DM8W40AQ
40
44.4
49.1
5
10
64.5
102
150
DM8W43AQ
43
47.8
52.8
5
10
69.4
95.1
150
Notes:
8. VBR measured with IT current pulse = 10ms to 15ms.
9. Per 10 × 1000μs waveform. See Figure 3.
10. Short duration pulse test used so as to minimize the self-heating effect.
DM8W10AQ-DM8W43AQ
Document number: DS41002 Rev. 7 - 2
2 of 5
www.diodes.com
February 2020
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com