Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JMC Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # JMC
Description  JMC CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JMC Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  JMC Datasheet HTML 1Page - JST Mfg. Co., Ltd. JMC Datasheet HTML 2Page - JST Mfg. Co., Ltd. JMC Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Circuits
Model No.
Dimensions (mm)
AB
3.5
3.0
C
20P3.5-JMCS-G-TF(N)
24P3.5-JMCS-G-TF(N)
30P3.5-JMCS-G-TF(N)
40P3.5-JMCS-G-TF(N)
20P3.5-JMCS-G-B-TF(N)
30P3.5-JMCS-G-B-TF(N)
40P3.5-JMCS-G-B-TF(N)
2,000
30P4.0-JMCS-G-TF(N)
40P4.0-JMCS-G-TF(N)
50P4.0-JMCS-G-TF(N)
60P4.0-JMCS-G-TF(N)
24P4.0-JMCS-G-B-TF(N)
30P4.0-JMCS-G-B-TF(N)
40P4.0-JMCS-G-B-TF(N)
50P4.0-JMCS-G-B-TF(N)
60P4.0-JMCS-G-B-TF(N)
2,000
18P3.0-JMCS-G-TF(N)
20P3.0-JMCS-G-TF(N)
30P3.0-JMCS-G-TF(N)
40P3.0-JMCS-G-TF(N)
50P3.0-JMCS-G-TF(N)
60P3.0-JMCS-G-TF(N)
20P3.0-JMCS-G-B-TF(N)
40P3.0-JMCS-G-B-TF(N)
44P3.0-JMCS-G-B-TF(N)
50P3.0-JMCS-G-B-TF(N)
60P3.0-JMCS-G-B-TF(N)
2,500
4.0
20P4.5-JMCS-G-TF(N)
20P4.5-JMCS-G-B-TF(N)
1,500
4.5
With
boss
Q'ty/reel
18
20
24
30
40
50
60
20
24
30
40
44
50
60
14
20
30
40
50
60
14
20
30
40
60
4.0
4.5
5.5
7.0
9.5
12.0
14.5
4.5
5.5
7.0
9.5
10.5
12.0
14.5
6.4
6.9
7.9
9.4
11.9
14.4
16.9
6.9
7.9
9.4
11.9
12.9
14.4
16.9
4.9
5.4
6.4
7.9
10.4
12.9
15.4
5.4
6.4
7.9
10.4
11.4
12.9
15.4
Stacking height (mm)
Top entry type
Without
boss
Circuits
Model No.
Dimensions (mm)
AB
5.5
5.0
C
20P5.5-JMCS-G-TF(N)
60P5.5-JMCS-G-TF(N)
20P5.5-JMCS-G-B-TF(N)
1,000
30P6.5-JMCS-G-TF(N)
40P6.5-JMCS-G-TF(N)
30P6.5-JMCS-G-B-TF(N)
40P6.5-JMCS-G-B-TF(N)
1,000
14P5.0-JMCS-G-TF(N)
20P5.0-JMCS-G-TF(N)
40P5.0-JMCS-G-TF(N)
50P5.0-JMCS-G-TF(N)
14P5.0-JMCS-G-B-TF(N)
20P5.0-JMCS-G-B-TF(N)
30P5.0-JMCS-G-B-TF(N)
40P5.0-JMCS-G-B-TF(N)
60P5.0-JMCS-G-B-TF(N)
1,500
6.5
20P6.0-JMCS-G-TF(N)
20P6.0-JMCS-G-B-TF(N)
40P6.0-JMCS-G-B-TF(N)
60P6.0-JMCS-G-B-TF(N)
1,000
6.0
With
boss
Q'ty/reel
3.0
4.5
7.0
9.5
12.0
14.5
3.0
4.5
7.0
9.5
14.5
5.4
6.9
9.4
11.9
14.4
16.9
5.4
6.9
9.4
11.9
16.9
3.9
5.4
7.9
10.4
12.9
15.4
3.9
5.4
7.9
10.4
15.4
Stacking height (mm)
Without
boss
20
50
34
50
64
Circuits
Model No.
Dimensions (mm)
AB
7.5
7.0
C
50P7.5-JMCS-G-B-TF(N)
600
8.0
50P8.0-JMCS-G-B-TF(N)
64P8.0-JMCS-G-B-TF(N)
600
34P8.5-JMCS-G-B-TF(N)
500
20P7.0-JMCS-G-TF(N)
50P7.0-JMCS-G-TF(N)
50P7.0-JMCS-G-B-TF(N)
1,000
8.5
With
boss
Q'ty/reel
4.5
12.0
8.0
12.0
15.5
6.9
14.4
10.4
14.4
17.9
5.4
12.9
8.9
12.9
16.4
Stacking height (mm)
Without
boss
20
30
50
20
30
40
50
60
Circuits
Model No.
Dimensions (mm)
AB
9.0
C
30P9.0-JMCS-G-TF(N)
50P9.0-JMCS-G-TF(N)
30P9.0-JMCS-G-B-TF(N)
40P9.0-JMCS-G-B-TF(N)
50P9.0-JMCS-G-B-TF(N)
60P9.0-JMCS-G-B-TF(N)
500
Q'ty/reel
4.5
7.0
12.0
4.5
7.0
9.5
12.0
14.5
6.9
9.4
14.4
6.9
9.4
11.9
14.4
16.9
5.4
7.9
12.9
5.4
7.9
10.4
12.9
15.4
D
5.7
6.7
8.2
10.7
11.7
13.2
15.7
D
4.2
5.7
8.2
10.7
15.7
D
9.2
13.2
16.7
D
5.7
8.2
10.7
13.2
15.7
Stacking height (mm)
Without
boss
With
boss
10.0
20P10.0-JMCS-G-TF(N)
20P10.0-JMCS-G-B-TF(N)
40P10.0-JMCS-G-B-TF(N)
500
Top entry type
Side entry type
0.5
0.2
B
C
3.4
0.5
0.5
A
D
RoHS compliance
Note: 1. The stacking height of absorption misalignment type is 1.0 mm higher than that of standard type.
2. As for the overall gold plated product, "(N)" is not given to the end of model No.
3. The products listed above are supplied on embossed-tape.
A
0.5
0.2
1.5
1.15
0.3
B
C
3.35
0.2
0.35
D
JMC CONNECTOR
Plug



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com