Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-SC2290 Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # RF-SC2290
Description  RF CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

RF-SC2290 Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  RF-SC2290 Datasheet HTML 1Page - JST Mfg. Co., Ltd. RF-SC2290 Datasheet HTML 2Page - JST Mfg. Co., Ltd. RF-SC2290 Datasheet HTML 3Page - JST Mfg. Co., Ltd. RF-SC2290 Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
The RF connector was developed as a highly
reliable, low-cost, crimp style connector for
connecting wires to printed circuit boards.
Well suited for internal connections in office
automation equipment, such as personal
computers, office computers and their
peripheral devices.
Features
● Highly reliable, yet low in cost
Our original double-leaf spring construction withstands
the stresses caused by repeated insertions and withdrawals
and ensures reliable contact performance. Depending on
the application, the socket contacts and header posts can be
selectively gold-plated or fully tin-plated to minimize costs.
● Space-saving, high-density design
The 2.54mm pitch contacts are arranged in two rows.
The mated connectors can be placed side by side or end to
end without a loss in pitch. This facilitates space-saving,
high-density circuit designs.
● Easy connection
A slight force is all that is required for contact insertion
because the housing has resilient lances. Furthermore,
the positions of the contacts in the housing can be visually
checked. This facilitates insertion of the contacts in
the housing.
● It can be cut to any length to provide a header
with any number of circuits
Notches are provided on the insulator that allow it to be cut
to any length without using special tools.
Specifications
•
Current rating: 2A AC, DC (AWG #24)
•
Voltage rating: 250V AC, DC
•
Temperature range: (including temperature rise in applying
electrical current)
-55℃ to +105℃ (gold-plated)
-55℃ to +85℃ (tin-plated)
•
Contact resistance: Initial value/15mΩ max.
After environmental testing/30mΩ max.
•
Insulation resistance: 1,000MΩ min.
•
Withstanding voltage: 1,500V AC/minute
•
Applicable wire: AWG #30 to #24
•
Applicable PC board thickness: 1.2 to 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards
Recognized E60389
Certified LR20812
RF CONNECTOR
RFCONNECTOR
Disconnectable Crimp style connectors
RF CONNECTOR
RF CONNECTOR
2.54mm
pitch
Crimp
®
®
®
®
®


Similar Part No. - RF-SC2290

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF-SC22** ETC2-RF-SC22** Datasheet
232Kb / 8P
Crimping tools and machines
More results

Similar Description - RF-SC2290

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF1-01A-D-00-75-M-HT ADAM-TECH-RF1-01A-D-00-75-M-HT Datasheet
80Kb / 1P
RF CONNECTOR TYPE BNC
RF1-23-V-XX-50 ADAM-TECH-RF1-23-V-XX-50 Datasheet
67Kb / 1P
RF CONNECTOR TYPE BNC
RF4-08-T-00-75 ADAM-TECH-RF4-08-T-00-75 Datasheet
71Kb / 1P
RF CONNECTOR
RF4-22-P-00-75 ADAM-TECH-RF4-22-P-00-75 Datasheet
98Kb / 1P
RF CONNECTOR
RF4-28-X-04-75 ADAM-TECH-RF4-28-X-04-75 Datasheet
83Kb / 1P
RF CONNECTOR
RF12-05-T-00-50-G ADAM-TECH-RF12-05-T-00-50-G Datasheet
83Kb / 1P
RF CONNECTOR TYPE MMCX
RF28-01-T-00-50-G-TR ADAM-TECH-RF28-01-T-00-50-G-TR Datasheet
84Kb / 1P
RF CONNECTOR RECEPTACLE
logo
PHOENIX CONTACT
1607297 PHOENIX-1607297 Datasheet
426Kb / 11P
RF-12S2N8A80DU - Cable connector
1607275 PHOENIX-1607275 Datasheet
428Kb / 11P
RF-12S1N8A8003 - Cable connector
1607340 PHOENIX-1607340 Datasheet
434Kb / 12P
RF-17S1N8A80DU - Cable connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com