Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF-10 Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # RF-10
Description  RF CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

RF-10 Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  RF-10 Datasheet HTML 1Page - JST Mfg. Co., Ltd. RF-10 Datasheet HTML 2Page - JST Mfg. Co., Ltd. RF-10 Datasheet HTML 3Page - JST Mfg. Co., Ltd. RF-10 Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RF CONNECTOR
RFCONNECTOR
Disconnectable Crimp style connectors
RF CONNECTOR
RF CONNECTOR
2.54mm
pitch
Crimp
4
Model number allocation
Crimping machine, Applicator
Contact
Header
Housing
Polarizing key
Series name
Form: S…Strip form
Part name: C…Crimp style contact
Applicable wire range: 2…AWG #30 to #24
Material: 2…Phosphor bronze
Surface finish of contact part: 10…Gold-plated (Flash)
90…Tin-plated (reflow treatment)
S
RF - C 2 2 10
Series name
No. of circuits: 6, 8, 10, 12, 14, 16, 20, 28
RF 06
-
Series name
Part name: Header
No. of circuits: Even number from 2 to 60
Mating side post length: 6.0
PC board mounting method: TD…Top entry DIP type
SD…Side entry DIP type
Header color: 1…Black
Post material: 1…Brass
Surface finish of post: 10…Selective gold-plated (Flash)
30…Overall gold-plated (Flash)
90…Tin-plated (reflow treatment)
RF - H 34
1
2
1
TD
30
-
Part name: Polarizing key
Series name
Material/Color: 1…Normal type (PBT, White)
PK RF 1
-
-
Contact
Crimping
machine Crimp applicator
Dies
Crimp applicator with dies
Applicator
RF-SC2210
RF-SC2290
AP-K2N
MKS-L
MK/RF-SC22
APLMK RF-SC22
Note: Contact JST for fully automatic crimping applicator.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com