Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAF515 Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # VAF515
Description  AC-DC Power Supplies PCB Mount type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

VAF515 Datasheet(HTML) 2 Page - COSEL CO., LTD.

  VAF515 Datasheet HTML 1Page - COSEL CO., LTD. VAF515 Datasheet HTML 2Page - COSEL CO., LTD. VAF515 Datasheet HTML 3Page - COSEL CO., LTD. VAF515 Datasheet HTML 4Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
¡DERATING CURVE
¡RISE TIME (VAF512)
¡OVERCURRENT CHARACTERISTICS (VAF512)
¡STATIC CHARACTERISTICS (VAF512)
AC 85V
0
11.90
12.00
12.10
12.20
12.30
AC170V
AC264V
OUTPUT CURRENT
0.2
0.4
0.6
DC Output
AC Input
ACIN 85V Io=100%
50ms/DIV
AC 85V
AC170V
AC264V
0
0.5
1.0
1.5
2.0
2
4
6
8
10
12
14
OUTPUT CURRENT
-10
0
1020304050
60
71
0
25
100
75
AMBIENT TEMPERATURE
VAF
VAF-3
VAF5
External view
Recommended size for
processing PCB
(TOP VIEW)
Input/Output Pin
72.5
65.5
49.5
3.5
(TOP VIEW)
FG
+V
-V
C16
AC(L)
AC(N)
AC(N)
bottom cover
Name Plate
5-
º1.0
(stopper
º 1.7 [0.07] )
Outline
5-
º1.3
65.5
3.5
49.5
¶ Dimensions in mm, [
]= inches
¶ Unit: 2mm
¶Weight: 30g max
¶Tolerance:
¶PCB material: CEM-3
¶PCB thickness: t=1.0 [0.04]
¶Pin material: CPW with solder plated
¶Recommended hole dia. to PCB: º1.3
¶Dimensions in mm, [
]= inches
bottom cover
º1.7
º1.0
±0.5 [±0.02]
[0.07]
[0.04]
[0.14]
[2.58]
[1.95]
[0.05]
[0.14]
[2.85]
[2.58]
[1.95]
[0.04]
Performance data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com