Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88933ALKI Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88933ALKI
Description  3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88933ALKI Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88933ALKI Datasheet HTML 1Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 2Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 3Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 4Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 5Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 6Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 7Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 8Page - Micrel Semiconductor SY88933ALKI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Micrel, Inc
SY88933AL
May 2005
5
M9999-051205
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C; typical values at VCC = +3.3V, TA = +25
oC.
Symbol
Parameter
Condition
Min
Typ
Max
Units
PSRR
Power Supply Rejection Ratio
35
dB
tr, tf
Output Rise/Fall Time
(20% to 80%)
Note 3
260
ps
tJITTER
Deterministic
Random
Note 4
Note 5
15
5
pspp
psRMS
VID
Differential Input Voltage Swing
Figure 1
5
1800
mVpp
VOD
Differential Output Voltage Swing
VID > 18mVpp, Figure 1
1500
mVpp
TOFF
SD Release Time
2
10
µs
TON
SD Assert Time
2
10
µs
SDAL
Low SD Assert Level
RSDLVL = 15kΩ, Note 6
3.4
6.5
mVpp
SDDL
Low SD De-assert Level
RSDLVL = 15kΩ, Note 6
1.0
2.3
mVpp
HYSL
Low SD Hysteresis
RSDLVL = 15kΩ, Note 7
1
3.4
4.5
dB
SDAM
Medium SD Assert Level
RSDLVL = 5kΩ, Note 6
6.2
8
mVpp
SDDM
Medium SD De-assert Level
RSDLVL = 5kΩ, Note 6
3
4.2
mVpp
HYSM
Medium SD Hysteresis
RSDLVL = 5kΩ, Note 7
2
3.4
4.5
dB
SDAH
High SD Assert Level
RSDLVL = 100Ω, Note 6
16.4
20
mVpp
SDDH
High SD De-assert Level
RSDLVL = 100Ω, Note 6
8
10.8
mVpp
HYSH
High SD Hysteresis
RSDLVL = 100Ω, Note 7
2
3.4
4.5
dB
B-3dB
3dB Bandwidth
1
GHz
AV(Diff)
Differential Voltage Gain
42
dB
S21
Single-Ended Small-Signal Gain
30
36
dB
Notes:
3. Amplifier in limiting mode. Input is a 200MHz square wave.
4. Deterministic jitter measured using 1.25Gbps K28.5 pattern, VID = 10mVpp.
5. Random jitter measured using 1.25Gbps K28.7 pattern, VID = 10mVpp.
6. See “Typical Operating Characteristics” for a graph showing how to choose a particular RSDLVL for a particular SD assert and
its associated de-assert amplitude.
7. This specification defines electrical hysteresis as 20log (SD Assert/SD De-assert). The ratio between optical hysteresis and
electrical hysteresis is found to vary between 1.5 and 2 depending upon the level of received optical power and ROSA
characteristics. Based on that ratio, the optical hysteresis corresponding to the electrical hysteresis range 1dB-4.5 dB, shown
in the AC characteristics table, will be 0.5dB-3dB optical hysteresis



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com