Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7P Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # A7P
Description  Thumbwheel Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7P Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button A7P Datasheet HTML 9Page - Omron Electronics LLC A7P Datasheet HTML 10Page - Omron Electronics LLC A7P Datasheet HTML 11Page - Omron Electronics LLC A7P Datasheet HTML 12Page - Omron Electronics LLC A7P Datasheet HTML 13Page - Omron Electronics LLC A7P Datasheet HTML 14Page - Omron Electronics LLC A7P Datasheet HTML 15Page - Omron Electronics LLC A7P Datasheet HTML 16Page - Omron Electronics LLC A7P Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
A7
j
A7
j
24
Panel Cutout
A7BL-206(-1)
A7BL-207(-1)
Solder Terminals,
Locking Models
Note:
If the output code is 06, the dimension is 32.5; if the
output code is 07, the dimension is 43.5.
When setting
Panel thickness: 1 to 3
(See note)
Number of
Switches (n)
A
(n x 8 + 8)
B
(n x 8 + 6)
C
1
16 mm
14 mm
14.4 mm
2
24 mm
22 mm
22.4 mm
3
32 mm
30 mm
30.4 mm
4
40 mm
38 mm
38.4 mm
5
48 mm
46 mm
46.8 mm
6
56 mm
54 mm
54.8 mm
7
64 mm
62 mm
62.8 mm
8
72 mm
70 mm
70.8 mm
9
80 mm
78 mm
78.8 mm
10
88 mm
86 mm
86.8 mm
Note:
1. The dimensions above include both End Caps, and will
increase 8 mm for each Spacer inserted.
2. Unless otherwise specified, a tolerance of
±0.4 mm ap-
plies to all dimensions.
The tolerance for multiple connection is
±(number of
units x 0.4) mm.
Panel Cutout
A7BS-2
jj(-1)
A7BS-20
jj(-1)
Solder Terminals
Note:
If the output code is 06 or 54, the dimension is 32.5; if the
output code is 07 or 55, the dimension is 43.5.
Panel thickness: 1 to 3
(See note)
Number of
Switches (n)
A
(n x 8 + 8)
B
(n x 8 + 6)
C
1
16 mm
14 mm
14.4 mm
2
24 mm
22 mm
22.4 mm
3
32 mm
30 mm
30.4 mm
4
40 mm
38 mm
38.4 mm
5
48 mm
46 mm
46.8 mm
6
56 mm
54 mm
54.8 mm
7
64 mm
62 mm
62.8 mm
8
72 mm
70 mm
70.8 mm
9
80 mm
78 mm
78.8 mm
10
88 mm
86 mm
86.8 mm
Note:
1. The dimensions above include both End Caps, and will
increase 8 mm for each Spacer inserted.
2. Unless otherwise specified, a tolerance of
±0.4 mm ap-
plies to all dimensions.
The tolerance for multiple connection is
±(number of
units x 0.4) mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com